Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43L36 Datasheet(PDF) 46 Page - Cirrus Logic

Part # CS43L36
Description  Low-Power, High-Performance Audio DAC with Class H Headphone Drivers
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L36 Datasheet(HTML) 46 Page - Cirrus Logic

Back Button CS43L36 Datasheet HTML 42Page - Cirrus Logic CS43L36 Datasheet HTML 43Page - Cirrus Logic CS43L36 Datasheet HTML 44Page - Cirrus Logic CS43L36 Datasheet HTML 45Page - Cirrus Logic CS43L36 Datasheet HTML 46Page - Cirrus Logic CS43L36 Datasheet HTML 47Page - Cirrus Logic CS43L36 Datasheet HTML 48Page - Cirrus Logic CS43L36 Datasheet HTML 49Page - Cirrus Logic CS43L36 Datasheet HTML 50Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 89 page
background image
DS1081F3
46
CS43L36
4.10 Control-Port Operation
For write operations, the bytes following the MAP byte are written to the CS43L36 register addresses pointed to by the
last received MAP address, plus however many autoincrements have occurred. Note that, while writing, any
autoincrementing block accesses that go past the maximum 0x7F address write to address 0x00—the page address. The
writes then continue to the newly selected page. Fig. 4-27 shows a write pattern with autoincrementing.
Figure 4-27. Control-Port Timing, I2C Writes with Autoincrement
For read operations, the contents of the register pointed to by the last received MAP address, plus however many
autoincrements have occurred, are output in the next byte. While reading, any autoincrementing block access that goes
past the maximum 0x7F address wraps around and continues reading from the same page address. Fig. 4-28 shows a
read pattern following the write pattern in Fig. 4-27. Notice how read addresses are based on the MAP byte from Fig. 4-27.
Figure 4-28. Control-Port Timing, I2C Reads with Autoincrement
To generate a read address not based on the last received MAP address, an aborted write operation can be used as a
preamble (see Fig. 4-29). Here, a write operation is aborted (after the ACK for the MAP byte) by sending a Stop condition.
4
5
6
7
24 25
SCL
CHIP ADDRESS(WRITE)
MAP BYTE
DATA
DATA
START
STOP
ACK
ACK
SDA
7
6
1 0
0
1
2
3
8
9
12
16 17 18 19
10 11
13 14 15
27 28
26
DATA
SDA
Source
Master
Master
Master
Pullup
Slave
Slave
Slave
Slave
Master
Pullup
ACK
ACK
7 6
5
4 3
2
1 0
MAP Addr = X
7
6
5
4
3
2
1
0
Master
Master
Slave
7 6
1 0
7
6 1
0
Addr = 10010
SCL
SDA
SDA
Source
Pullup
DATA
STOP
ACK
ACK
7
0
7
0
CHIP ADDRESS (READ)
START
7
0
NO
25
8
9
18
4
5
6
7
0
1
2
3
16
17
34
35
36
ACK
7
6
5
4
3
2
1
0
DATA
DATA
Master
Slave
Slave
Slave
Master
Master
Master Pullup
27
Addr = 10010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com