Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 128 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 128 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 124Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 125Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 126Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 127Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 128Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 129Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 130Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 131Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 132Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 158 page
background image
eKTF6708
8-Bit Microcontroller
118
IC Product Specification (V1.2) 03.12.2020
(This specification is subject to change without prior notice)
Communications between the Master-transmitter/receiver and Slave- transmitter/receiver
are illustrated in the following Figures 6-13a and 6-13b.
S
Slave Address
R//W
A
A
A//A
Data
Data
P
'0'
Write
data transferred
(n byte + acknowledge)
Master to Slave
Slave to Master
A = acknowledge (SDA low)
/A = not acknowledge (SDA high)
S = Start
P = Stop
7 Bits
8 Bits
8 Bits
8 Bits
Figure 6-13a Master-Transmitter Transmits to Slave-Receiver with 7-Bit Slave Address
S
Slave Address
R//W
A
Data
Data
P
A
/A
'1' Read
data transferred
(n byte + acknowledge)
7 Bits
8 Bits
Figure 6-13b Master-Receiver Reads from Slave-Transmitter with 7-Bit Slave Address
6.12.2 10-Bit Slave Address
In 10-Bit Slave address mode, using 10-bit for addressing exploits the reserved
combination 11110XX for the first seven bits of the first byte following a START(S) or
repeated START (Sr) condition. The first seven bits of the first byte are the combination
11110XX of which the last two bits (XX) are the two most-significant bits of the 10-bit
address. If the R//W bit is
“0”, the second byte after acknowledge would be the eighth
address bit of 10-bits Slave address. Otherwise, the second byte would just be the next
transmitted data from a Slave to Master device. The first byte 11110XX is transmitted by
using the Slave address register (I2CSA), and the second byte XXXXXXXX is transmitted
by using the data buffer (I2CDB).
The possible data transfer formats for 10-bit Slave address mode are explained in the
following paragraphs and Figures 6-14a ~ 6-14e.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com