Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EKTF6708 Datasheet(PDF) 129 Page - ELAN Microelectronics Corp

Part # EKTF6708
Description  8-Bit Microcontroller
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EKTF6708 Datasheet(HTML) 129 Page - ELAN Microelectronics Corp

Back Button EKTF6708 Datasheet HTML 125Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 126Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 127Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 128Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 129Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 130Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 131Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 132Page - ELAN Microelectronics Corp EKTF6708 Datasheet HTML 133Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 158 page
background image
eKTF6708
8-Bit Microcontroller
IC Product Specification (V1.2) 03.12.2020
 119
(This specification is subject to change without prior notice)
 Master-Transmitter Transmits to Slave-Receiver with a 10-bit
Slave Address
When the Slave receives the first byte after START bit from Master, each Slave device will
compare the first seven bits of the first byte (11110XX) with their own address and check
the 8th bit (R//W). If the R//W bit is
“0”, a Slave or more, will return an Acknowledge (A1).
Then all Slave devices will continue to compare the second address (XXXXXXXX). If a
Slave device finds a match, that particular Slave device will be the only one to return an
Acknowledge (A2). The matched Slave device will remain addressed by the Master until it
receives the STOP condition or until a repeated START condition followed by the different
Slave address is received.
Write
1st 7 Bits
1 1 1 1 0 X X
0
A1
A2
A
A//A
Data
Data
P
R//W
Slave
Address
S
Slave
Address
2nd 8 Bits
Figure 6-14a Master-Transmitter Transmits to Slave-Receiver with a 10-Bit Slave Address
 Master-Receiver Read Slave-Transmitter with a 10-bit Slave Address
Up to, and including Acknowledge Bit A2, the procedure is the same as that described
above for Master-Transmitter addressing a Slave-Receiver. After the Acknowledge (A2), a
repeated START condition (Sr) takes place followed by seven bits Slave address
(11110XX), but the 8th bit R//W is
“1.” The addressed Slave device will then return the
Acknowledge (A3). If the repeated START (Sr) condition occurs and the seven bits of first
byte (11110XX) are received by Slave device, all the Slave devices will compare with their
own addresses and check the 8th bit (R//W). However, none of the Slave devices can
return an acknowledgement because R//W=1.
Write
1st 7 Bits
1 1 1 1 0 X X
0
2nd 8 Bits
Read
1st 7 Bits
1 1 1 1 0 X X
1
A1
A2
A3
S
P
Slave
Address
Slave
Address
Sr
Slave
Address
DATA
DATA
A
/A
R//W
R//W
Figure 6-14b Master-Receiver reads Slave-Transmitter with a 10-Bit Slave Address
 Master Transmits and Receives Data to and from the Same Slave Device
with 10-Bit Addresses
The initial operation of this data transfer format is the same as explained in the above
paragraph on “Master-Transmitter transmits to Slave-Receiver with a 10-bit Slave
Address.
” Then the Master device starts to transmit the data to the Slave device. When
the Slave device receives the Acknowledge or None-Acknowledge that is followed by
repeat START (Sr), the
above operation under “Master-Receiver Reads Slave-Transmitter
with a 10-Bit Slave Address
” is repeatedly performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com