Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 143 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 143 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 139Page - Lattice Semiconductor ORSPI4 Datasheet HTML 140Page - Lattice Semiconductor ORSPI4 Datasheet HTML 141Page - Lattice Semiconductor ORSPI4 Datasheet HTML 142Page - Lattice Semiconductor ORSPI4 Datasheet HTML 143Page - Lattice Semiconductor ORSPI4 Datasheet HTML 144Page - Lattice Semiconductor ORSPI4 Datasheet HTML 145Page - Lattice Semiconductor ORSPI4 Datasheet HTML 146Page - Lattice Semiconductor ORSPI4 Datasheet HTML 147Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
143
FIFOs (Figure 71).
• MC_RCLK from the FPGA, which controls the FPGA-side accesses to the Read Instruction and Read Data
FIFOs.
• The main clock for the unit is selected by MC_ICK_SEL (configuration register 30B03[2:3]) which controls all
remaining clocking, including the clocks supplied to the external QDR-II SRAM. This clock can be sourced as fol-
lows:
– MC_ICK_SEL = 0 selects the dedicated Memory Controller external clock input MCREFCLK = Freq_In
– MC_ICK_SEL = 1 selects the SPIA unit's external clock ATREFCLK = Freq_In;
– MC_ICK_SEL = 2 selects the SPIB unit's external clock BTREFCLK = Freq_In, or
– MC_ICK_SEL = 3 selects the FPGA-supplied signal F_MC_REFCLK= Freq_In.
The above-selected clock, can then be modified in frequency, by MC_OCK_SEL (configuration register
30B03[7]) as follows:
– MC_OCK_SEL = 0 selects a PLL, such that Freq_Out = (Freq_In * (PLL_N + 1)/(2 * (PLL_M + 1))); or
– MC_OCK_SEL = 1 selects a divide-by-2, such that Freq_Out = (Freq_In / 2).
The PLL_N value is obtained from the configuration register 30B04[1:3]. PLL_M value is obtained from configu-
ration register 30B04[5:7].
At the right side of the four internal FIFOs in Figure 71, the data is transferred as two 36-bit words per Freq_Out
clock cycle, but is then time-multiplexed into a single 36-bit DDR bus operating at frequency (Freq_Out * 2) for
transfer to the external QDR-II SRAM. The clock supplied to the QDR-II SRAM is at frequency Freq_Out.
Figure 79 through Figure 85 show the timing diagrams for the embedded controller/FPGA interface.
Figure 79. Data: F_MC_WD[73:0], F_MC_WI[31:0], F_MC_RI[31:0]
Clock: F_MC_WCLK
Q
3.5/0.5 ns
1.5/0.5 ns
FIFO
Delay
D
2.4/ 0.75 ns
FPGA
Embedded Core
C
1.1/ 0.74 ns
Setup= 1.6 ns
Hold = 0.3 ns
NOTE: Delays represent average max/min values, not absolute values
Delay
Actual delay values are used by
ispLEVER
Clock Buffer Delay
Relative to Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com