Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 147 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 147 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 143Page - Lattice Semiconductor ORSPI4 Datasheet HTML 144Page - Lattice Semiconductor ORSPI4 Datasheet HTML 145Page - Lattice Semiconductor ORSPI4 Datasheet HTML 146Page - Lattice Semiconductor ORSPI4 Datasheet HTML 147Page - Lattice Semiconductor ORSPI4 Datasheet HTML 148Page - Lattice Semiconductor ORSPI4 Datasheet HTML 149Page - Lattice Semiconductor ORSPI4 Datasheet HTML 150Page - Lattice Semiconductor ORSPI4 Datasheet HTML 151Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
147
Software
Software for Configuration
There are two ways to write to the ORSPI4 memory map either via MPI (Microprocessor Interface) or via UMI (User
Master Interface) to the FPGA logic. Both the interfaces use the system bus to perform the transactions with the
registers. The MPI is provided to talk to any Power PC microprocessor whereas UMI is used for any customer-
defined interface and interfaces extremely well with ORCASTRA™ to graphically change and monitor the register
map. The registers are divided into different domains, the details of which can be found in the technical note
TN1017. ORSPI4 device core registers can be accessed by addressing the 30000 onwards domain. Since there
are four different macros inside the ORSPI4 core, all these macros have been assigned their individual sub
domains.
Table 43. Address Allocation - Register Elements
ORSPI4 Start-up Sequence
SPI4 Link Start-up Protocol
Immediately after reset, and before the link synchronization, the SPI4 link must initialize to a known interface proto-
col. This section describes the initialization protocol for a generic SPI4 link. The actual start-up procedure with the
appropriate software register settings is described in the next section. Figure 86 shows the SPI4 link reference dia-
gram that is referenced in the descriptions below. Where appropriate, the corresponding ORSPI4 software register
settings are also described as relevant to this start-up protocol.
A reset can be either hard or soft, but is assumed that the entire SPI4 link is being reset. Immediately after the
reset signal is deasserted and before the link synchronization, the following actions/conditions must occur/exist.
Figure 86. SPI4 Link Functional Block Diagram
1.
The Receive Data FIFOs are emptied (RX_D_B)
Address (0x)
Description
309xx
SPIA addresses
30Axx
SPIB addresses
308xx
SERDES addresses
30Bxx
QDR MEM controller addresses and
some shared by SPIA and SPIB
Device A
Device B
TX_D_A
RX_D_B
RX_S_B
TX_S_A
DIP2 = “OK”
DIP4 = “OK”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com