Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 150 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 150 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 146Page - Lattice Semiconductor ORSPI4 Datasheet HTML 147Page - Lattice Semiconductor ORSPI4 Datasheet HTML 148Page - Lattice Semiconductor ORSPI4 Datasheet HTML 149Page - Lattice Semiconductor ORSPI4 Datasheet HTML 150Page - Lattice Semiconductor ORSPI4 Datasheet HTML 151Page - Lattice Semiconductor ORSPI4 Datasheet HTML 152Page - Lattice Semiconductor ORSPI4 Datasheet HTML 153Page - Lattice Semiconductor ORSPI4 Datasheet HTML 154Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
150
TX_CAL_LEN_MAIN do not match the RX_CAL_M_MAIN and RX_CAL_LEN_MAIN respectively.
• It is recommended that the training be kept enabled at all times so the dynamic alignment is performed to com-
pensate for process, voltage and temperature variations.
• Program the TX_CAL_M_MAIN equal to RX_CAL_M_MAIN and TX_CAL_LEN_MAIN equal to
RX_CAL_LEN_MAIN and then the register 3091C should read 54.
• Read register 3091D twice, the first value read could indicate DIP4 and DIP2 errors, if clears to 00 after the sec-
ond read then there are no errors. The errors during the first read indicate that the errors existed before the train-
ing was performed.
• Read the register 3090A to read the DIP4 error count. This register will keep counting if the bit 5 of 3091D is set,
otherwise this register will show 00.
• Read the register 3090B to read the DIP2 error count. This register will keep counting if the bit 6 of 3091D is set,
otherwise this register will show 00.
After the above configuration is completed, the device is not yet ready to transmit and receive data. The user still
has to provision the Calendars and the Port Descriptor Memories for appropriate bandwidth. This is an indirect
addressing mechanism where a single bit in register 30917 selects which memory space needs to be addressed.
Once one of the bit is selected then the user can write to 31000 to 31FFF address space. The following example
shows how to program TX PDM, RX PDM, TX calendar and RX calendar.
• Four ports (0, 1, 2 and 3) of SPI4 data with equal bandwidth.
• No DPRAM Partitions (Virtual FIFOs).
• Write 20 HEX to 30917 to select the RX calendar indirect addressing
• Next program the RX calendar memory through the following writes:
– Write 00 to the 31000 location.
– Write 01 to the 31001 location.
– Write 02 to the 31002 location.
– Write 03 to the 31003 location.
• Write 10 HEX to register 30917 to select the RX PDM indirect addressing. Since there are no partitions for the
DPRAMS, only the bits which correspond to the BANK_ID of the DPRAMs will be written. Bits that correspond to
the PARTITION_ID of the DPRAMs are written to “000”.
– Write 00 HEX to the 31000 location which means that data will read from the DPRAM0 for port 0.
– Write 08 HEX to the 31001 location which means that data will be read from the DPRAM1 for port 1.
– Write 10 HEX to the 31002 location which means that data will be read from the DPRAM2 for port 2.
– Write 18 HEX to the 31003 location which means that data will be read from the DPRAM3 for port 3.
• Write 08 HEX to 30917 to select the TX calendar indirect addressing
– Write 00 to the 31000 location.
– Write 01 to the 31001 location.
– Write 02 to the 31002 location.
– Write 03 to the 31003 location.
• Write 04 HEX to 30917 to select the TX PDM indirect addressing. TX PDM has a total of 6 fields to be written and
they are divided into 3 bytes. These three bytes correspond to a single memory location for TX PDM, which has
a total of 256 locations.
– Write the port ID 00 HEX to 31000 corresponding to port 0.
– Write 0F HEX to 31001 (000 to partition ID field and 1111 to BURST_VAL field).
– Write 0C HEX to 31002 which implies:
• MB_EN bit is set to ‘1’ which means that MAX-BURST1 and MAX-BURST2 both will be supported, otherwise
only MAX-BURST1 will be used.
• M bit is set to ‘1’ which means the port ID field programmed in the TX PDM is propagated to the FPGA on the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com