Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ORSPI4 Datasheet(PDF) 152 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 152 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 148Page - Lattice Semiconductor ORSPI4 Datasheet HTML 149Page - Lattice Semiconductor ORSPI4 Datasheet HTML 150Page - Lattice Semiconductor ORSPI4 Datasheet HTML 151Page - Lattice Semiconductor ORSPI4 Datasheet HTML 152Page - Lattice Semiconductor ORSPI4 Datasheet HTML 153Page - Lattice Semiconductor ORSPI4 Datasheet HTML 154Page - Lattice Semiconductor ORSPI4 Datasheet HTML 155Page - Lattice Semiconductor ORSPI4 Datasheet HTML 156Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
152
• 8B10BT set to “1”
Set the following bits in registers 30003, 30013, 30023, 30033:
• RXHR Set to “1” if RX half-rate is desired.
• 8B10BR set to “1”.
• LINKSM set to “1” if the Fibre Channel state machine is desired.
Assert GSWRST bit by writing two “1”'s. Deassert GSWRST bit by writing two “0”s. Wait 3ms. If higher speed serial
loopback has been selected, the receive PLLs will use this time to lock to the new serial data.
Monitor the following alarm bits in registers 30000, 30010, 30020, 30030:
• LKI, PLL lock indicator. “1” indicates that PLL has achieved lock.
3.
If 8b/10b mode is enabled, enable link synchronization by periodically sending the following sequence three
times:
• K28.5 D21.4 D21.5 D21.5 or any other idle ordered set (starting with a /comma/) in FC mode.
• /comma/ characters for the XAUI state machine and /A/ characters for word and channel alignment in XAUI
Resets
Global Resets
Global resets affect all blocks in the ORSPI4 Embedded ASIC Core (EAC) section (SPIA, SPIB, MC, MPI, and
SERDES. A global reset can be caused by one the following: power-up reset, bitstream download without a partial
reconfiguration enabled, hardware reset, or FPGA Global Set Reset (GSR).
Power-Up Reset
The power-up reset process begins when the power supply voltage ramps up to approximately 80% of the nominal
value of 1.5 V. Following this event, the device will be ready for normal operation after 3 ms. For more information
on power-up reset, please refer to the ORCA SERIES 4 FPGA data sheet at www.latticesemi.com.
Bitstream Download (DONE=0)
During bitstream download, the FPGA DONE signal remains low until the part is fully configured During this time,
all ORSPI4 EAC blocks remain in RESET. During partial reconfiguration, an FPGA register bit can be set to prevent
a RESET of the EAC while DONE=0. For more information on bitstream configuration, please refer to the ORCA
SERIES 4 FPGA data sheet at www.latticesemi.com.
Hardware Reset (RESETN)
A hardware reset is initiated by making the RESETN low for at least two microprocessor clock cycles. The device
will be ready for operation 3 ms after the low to high transition of the RESETN. This reset function affects all EAC
blocks.
FPGA Global Set Reset (GSR)
The FPGA Global Set Reset signal (GSR) can be made to reset the SPIA, SPIB and SERDES blocks of the
ORSPI4 core. This can be done during the ORSPI4 Module/IP Generation phase of the ORSPI4 core in
ispLEVER.
During this phase, the “Disable GSR from resetting data path in FPSC Core” check button is left unchecked to
enable GSR to reset these blocks. For more information on GSR, please refer to the ORCA SERIES 4 FPGA data
sheet at www.latticesemi.com.
SPIA-only Resets
The SPIA block can be individually reset though Software Reset-via the microprocessor interface, or using an
FPGA interface signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com