Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 28 of 140
ACCURATE OVERVOLTAGE AND UNDERVOLTAGE
PROTECTION
Accurate overvoltage protection is provided by the PMBus
commands VOUT_OV_FAULT_LIMIT (Register 0x40),
VOUT_OV_FAULT_RESPONSE (Register 0x41), and
VOUT_OV_WARN_LIMIT (Register 0x42).
Similarly, accurate undervoltage protection is provided by the
PMBus commands VOUT_UV_WARN_LIMIT (Register 0x43),
VOUT_UV_FAULT_LIMIT (Register 0x44), and VOUT_UV_
FAULT_RESPONSE (Register 0x45).
All readings are obtained from the low frequency Σ-Δ ADC on
the VS+ and VS− pins.
The accurate OVP fault decision is taken after a sampling
interval of 82 μs (7-bit averaged value). For OVP, additional
sampling time up to a maximum of 320 μs can be programmed
in steps of 82 μs using Register 0xFE4D[3:2]. If additional
sampling time is enabled, the OV fault condition must be
present for the number of additional samples programmed
before the VOUT_OV flag is set.
The nominal output voltage at the VS± pins is 1 V, and the OVP
and UVP thresholds are set above and below this level. For UVP,
the output voltage is monitored using the low frequency Σ-Δ ADC;
the nine MSBs of the reading (VS_VALUE, Register 0xFE97[13:5])
are converted into PMBus format and compared with the output
undervoltage fault limit threshold. OVP functions similarly, but
uses the seven MSBs of the reading (Register 0xFE97[13:7]).
FAST OVERVOLTAGE PROTECTION
The ADP1055 has a dedicated OVP pin for redundant overvoltage
protection. This pin performs fast overvoltage protection, where
a comparator compares the fractional output voltage by means of
resistive dividers to the voltage set by a DAC (see Figure 36). The
nominal output voltage at the OVP pin is 1 V. The OVP threshold
is programmable using Register 0xFE2F[7:2]. A debounce time
(from 40 ns to 10 μs) can be added using Register 0xFE2F[1:0]
before the fault response is taken. The fault response is set using
the manufacturer specific command VOUT_OV_FAST_FAULT
(Register 0xFE34).
Figure 36. Fast Overvoltage Protection
EXTERNAL FREQUENCY SYNCHRONIZATION
The ADP1055 has a SYNC pin that is used for frequency
synchronization. The internal digital phase-locked loop (DPLL)
is capable of determining the master frequency on the SYNC pin
(fSYNC) and locking the internal switching frequency to the external
frequency. The lock or capture range is ±10% of the switching
frequency, which is programmed using the FREQUENCY_
SWITCH command (Register 0x33).
The PWM outputs are synchronized to the OUTA pin at the start
of the switching period. For example, consider a duty cycle on
OUTA where the rising (or falling) edge of OUTA is at a time of
x μs after the t = 0 of the switching period. After synchronization,
the time difference between the rising edge of the external master
synchronization frequency (fSYNC) and the rising (or falling) edge
of OUTA is x μs. The other PWM outputs are adjusted accordingly.
In short, frequency synchronization also locks on to the phase.
The DPLL can recognize the external master frequency within
one clock cycle and, after the DPLL has locked on to fSYNC, the
time required to achieve synchronization depends on how far
apart fSYNC and the internal switching frequency (fSW) are. A
typical synchronization time when fSYNC jumps from 90 kHz to
110 kHz with fSW = 100 kHz is approximately 200 μs. The
synchronization time depends on the bandwidth of the DPLL,
which is approximately fSW/25. Therefore, a higher fSW translates
to a higher bandwidth.
Using the INTERLEAVE command (Register 0x37), a phase
shift in steps of 22.5° can be added. Additional functions that
are part of the standard PMBus INTERLEAVE command
include the group ID number and the respective number in the
group, both programmable using Register 0x37.
The ADP1055 supports only a specific number of switching
frequencies. Due to the PWM programming resolution of 5 ns
for programming the minimum and maximum PWM modulation
limit, the switching frequency and the master clock frequency
may not be an exact multiple of each other.
Although the DPLL can detect fSYNC exactly, due to the quantization
of the internal frequency settings, there is a possibility that fSYNC
and fSW may not be the same and may differ by a small amount.
To prevent the frequency from jumping from one value of fSW to
another (which causes the switching period to change) due to
the quantization of fSW, fSW is set to the closest quantized value
to fSYNC rounded down. Due to this effect or due to a non-ideality
(jitter) of the master clock, a dither can be added to the clock
frequency (using Register 0xFE55[1]) of 5 ns or 10 ns. Using
this dither, fSW is equal to fSYNC on average.
For a full-bridge topology, it is recommended that Register
0xFE55[0] = 0 so that half the switching period is an exact
multiple of 5 ns.
6-BIT
THRESHOLD
FAST OVP
0.8V TO 1.6V
STEP SIZE = 12.5mV
DAC
AGND
OVP
ADP1055
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com