Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 48 of 140
DATA TRANSFER COMMANDS
Data transfer using the PMBus slave is established using PMBus
commands. The PMBus specification requires that all PMBus
commands start with a slave address with the R/W bit cleared
(set to 0), followed by the command code. (The only exception
is SMBALRT Alert Response Address Protocol.)
All PMBus commands supported by the ADP1055 device follow
one of the protocol types shown in Figure 70 to Figure 77. (For
PMBus master devices that do not support PEC, the PEC byte is
removed.) Figure 70 to Figure 77 use the following abbreviations:
S = start condition
P = stop condition
Sr = repeated start condition
W = write bit (0)
R = read bit (1)
A = acknowledge bit (0)
NA = no acknowledge bit (1)
Figure 70. Send Protocol with PEC
Figure 71. Write Byte Protocol with PEC
Figure 72. Write Word Protocol with PEC
Figure 73. Read Byte Protocol with PEC
Figure 74. Read Word Protocol with PEC
Figure 75. Block Write Protocol with PEC
Figure 76. Block Read Protocol with PEC
Figure 77. Block Write and Block Read Protocol with PEC
The PMBus slave module of the ADP1055 also supports
manufacturer-specific extended commands. These commands
follow the same protocol as the standard PMBus commands.
However, the command code consists of two bytes:
Command code extension: 0xFE
Extended command code: 0x00 to 0xFF
Using the manufacturer-specific extended commands, the PMBus
device manufacturer can add an additional 256 manufacturer-
specific commands to its PMBus command set.
S
7-BIT SLAVE
ADDRESS
W
A
A
A
P
COMMAND
CODE
PEC
BYTE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT SLAVE
ADDRESS
W
A
A
A
A
P
COMMAND
CODE
DATA
BYTE
PEC
BYTE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
W
A
A
A
A
A
P
COMMAND
CODE
DATA
BYTE
LOW
DATA
BYTE
HIGH
PEC
BYTE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
A
A
A
R
A
A
P
COMMAND
CODE
Sr
PEC
BYTE
DATA
BYTE
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
A
A
A
R
A
P
A
NA
COMMAND
CODE
Sr
PEC
BYTE
DATA
BYTE LOW
DATA
BYTE HIGH
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
BYTE
COUNT = M
W
. . .
A
A
A
A
A
A
P
COMMAND
CODE
PEC
BYTE
DATA
BYTE
1
DATA
BYTE
M
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
Sr
A
A
A
A
A
A
P
NA
PEC
BYTE
R
COMMAND
CODE
DATA
BYTE 1
DATA
BYTE N
BYTE
COUNT = N
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
. . .
A
A
DATA
BYTE 1
DATA
BYTE N
BYTE
COUNT = N
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
. . .
. . .
A
A
7-BIT
SLAVE
ADDRESS
Sr
A
R
DATA
BYTE
1
DATA
BYTE
M
S
7-BIT
SLAVE
ADDRESS
BYTE
COUNT = M
W
A
A
A
COMMAND
CODE
A
P
NA
PEC
BYTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com