Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 33 of 140
Entering the Key Code
The key code is a unique 32-bit pass code that is entered using
the KEY_CODE command (Register 0xD7). Because this com-
mand is a block read/block write command, the first data byte
of this command is the number of bytes (4). When entering the
key code, the data has this format: {0x04, KeyCode[7:0],
KeyCode[15:8], KeyCode[23:16], KeyCode[31:17]}. (Note the
low byte to high byte order of the 32-bit key code.) After the
correct key code is entered, the user has full write access to all
commands, including PMBus and manufacturer specific com-
mands such as CMD_MASK (Register 0xF4) and EXTCMD_
MASK (Register 0xF5), which can be used to disable other
commands using the command masking feature. The key code
is also needed to change the EEPROM password (Register 0xD5).
Command Mask
The command mask feature allows any PMBus command or
manufacturer specific command to be masked in the ADP1055.
If the command is masked, a read or a write to that command
results in a no acknowledge (NACK). PMBus commands are
masked using Register 0xF4; manufacturer specific commands
are masked using Register 0xF5. Using command masking, the
user can block access to certain commands—such as commands
that configure the switching frequency, the digital compensator,
or the output voltage setpoint—while allowing access to the
readback commands (READ_x, where x = IOUT, IN, VOUT,
VIN, and so on). The SLV_ADDR_SELECT (Register 0xD0),
EEPROM_PASSWORD (Register 0xD5), KEY_CODE (Register
0xD7), EEPROM_INFO (Register 0xF1), CMD_MASK
(Register 0xF4), and EXTCMD_MASK (Register 0xF5)
commands are not maskable. It is recommended that the
ADP1055 GUI be used to configure the masking function (see
Figure 53).
Figure 53. Snapshot of the GUI Showing Lock and Unlock of Commands
Changing the Key Code
To change the key code, first unlock the EEPROM as described
in the Unlock the EEPROM section.
1.
After the EEPROM is unlocked, enter the 32-bit key code
(default key code is 0xFFFFFFFF) using the KEY_CODE
command (Register 0xD7).
2.
Enter the new key code using the same command, for
example, 0x1FEEDBAC (a pneumonic for negative feedback
in twos complement format).
3.
The key code is now changed to the new key code. Save the
new key code into the user settings page of the EEPROM
using the STORE_USER_ALL command (Register 0x15).
SR PHASE-IN, SR TRANSITION, AND SR FAST
PHASE-IN
The SR1 and SR2 outputs are recommended for use as the
PWM control signals when using synchronous rectification for
the output (or secondary) rectifiers. These PWM signals can be
configured similar to other PWM outputs.
Figure 54. Example of SR Outputs in Light Load Mode (LLM)
Figure 55. Example of SR Outputs in Heavy Load (CCM)
When the mode changes from LLM to CCM, an abrupt change in
the SR outputs may cause the output voltage to dip momentarily.
An optional SR transition process (during which the pulse
width of the SR PWM outputs is increased slowly) can be
applied to the SR1 and SR2 outputs. The SR transition can be
enabled by setting Register 0xFE50[5].
The speed at which the SR edges move from zero duty cycle
to maximum duty cycle (as determined by the control loop)
can be programmed from 5 ns per tSW to 5 ns per 1024 tSW
(tSW = switching cycle) using Register 0xFE5F[7:4].
OUTPUT VOLTAGE SLEW RATE
The output voltage slew rate (or transition rate) can be set using the
PMBus VOUT_TRANSITION_RATE command (Register 0x27).
The slew rate determines how quickly the output voltage is
adjusted in response to a change in the digital reference.
The fastest slew rate supported by the ADP1055 is 1 kV/sec,
and the slowest rate is 14.3 V/sec. A PMBus command setting
of 0 sets the slew rate to the slowest setting. This slew rate is the
rate that the internal setpoint reference can change; the actual
change of the output voltage depends on the bandwidth of the
control loop and its ability to track the reference.
The VOUT_TRANSITION_RATE command can be disabled
using Register 0xFE65[2].
ADAPTIVE DEAD TIME COMPENSATION
Register 0xFE1D to Register 0xFE24 are the adaptive dead time
(ADT) registers. These registers allow the dead time between



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com