Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 39 of 140
FAULT RESPONSES AND STATE MACHINE MECHANICS
When a potentially abnormal condition occurs in the power
supply that is regulated by the ADP1055, a flag is asserted and
the system waits for a programmed debounce time. If the flag is
continuously asserted until the end of the debounce time, it is
latched as a fault. The fault is then processed according to the
programmed fault response setting. The fault is cleared only when
the flag condition is removed. The debounce circuitry is reset when
the flag condition is removed; until then the fault remains set.
PRIORITY OF FAULTS
The response to each fault is configurable and is based on a priority
level (see Table 7). A higher number indicates a higher priority.
Table 7. Priority of Faults
Priority
Fault and Configured Fault Response
12 (highest)
Voltage fault: disable output
11
Voltage fault: shutdown with no retry
10
Current fault: shutdown with no retry
9
Voltage fault: shutdown with limited retry
8
Current fault: shutdown with limited retry
7
Voltage fault: shutdown with unlimited retry
6
Current fault: shutdown with unlimited retry
5
Voltage fault: wait delay and shutdown with
limited or unlimited retry
4
Current fault: constant current with wait delay
3
Current fault: constant current without tripping
VOUT_LV
2
Current fault: constant current mode
1 (lowest)
Voltage fault: ignore fault
FLAGS
The ADP1055 has an extensive set of flags that are set when
certain limits, conditions, and thresholds are exceeded. The
response to these flags is individually programmable. Flags can
be ignored or used to trigger actions such as turning off certain
PWM outputs or entering constant current mode. Flags can also
be used to turn off the power supply. The ADP1055 can be pro-
grammed to respond when these flags are reset.
The ADP1055 also has a set of latched fault registers (Register
0xFE8C to Register 0xFE93). The latched fault registers have the
same flags as the PMBus STATUS_x commands (Register 0x7A
to Register 0x80), but the flags in the latched registers remain set
so that intermittent faults can be detected. The CLEAR_FAULTS
command (Register 0x03) clears the latched fault registers and
resets all the flags.
FIRST FAULT ID (FFID)
The first fault ID (FFID) information is used to capture the first
fault that caused the system to shut down. Register 0xFE95 contains
the ID of the first fault that caused the system to shut down. Faults
captured in the first fault ID register have configured actions of
shutdown immediate, shutdown with retries, and disable PWM
outputs with watchdog timeout. The contents of Register 0xFE95
cannot be overwritten unless the information is first cleared.
The FFID can be cleared by the CLEAR_FAULTS command
(Register 0x03), by a power cycle of the device, or by a PSON
signal using Register 0x01, Register 0x02, or both. If the black
box feature is enabled, the FFID can also be cleared when the
information is saved into the black box.
Table 8. Example First Fault ID Scenarios
Test Setup
Condition
Result
OCP has retry/delay of 100 ms
with Priority 10, debounce = 0.
OVP has retry/delay of 200 ms
with Priority 9, debounce = 0.
OCP occurs at t = 0.
OVP occurs at t = 10 ms.
OCP fault is processed due to smaller debounce time (no retry time), as
well as higher priority.
OCP has retry/delay of 100 ms
with Priority 10, debounce = 0.
OVP has retry/delay of 0 ms with
Priority 11, debounce = 0.
OCP occurs at t = 0.
OVP occurs at t = 10 ms.
OCP fault is processed at t = 0; device waits 100 ms before action is taken.
OCP fault is replaced by OVP, and then OVP fault is processed at t = 10 ms
due to higher priority even though retry delay is larger.
OCP has retry/delay of 100 ms
with Priority 8, debounce = 5 ms.
OVP has retry/delay of 200 ms
with Priority 9, debounce = 100 ms.
OCP occurs at t = 50 ms.
OVP occurs at t = 0.
OVP is registered as a fault at t = 100 ms. OCP is registered as a fault at
t = 55 ms. However, at t = 100 ms, OCP loses priority and OVP is processed
due to higher priority. Exception: If delay of OCP was smaller (for example,
5 ms), then OCP action is processed.
OCP has retry/delay of 100 ms
with Priority 8, debounce = 0.
OVP has retry/delay of 200 ms
with Priority 7, debounce = 0.
OCP occurs at t = 0.
OVP occurs at t = 0.
OCP fault is processed due to higher priority.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com