Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 46 of 140
POWER SUPPLY CALIBRATION AND TRIM
The ADP1055 allows the entire power supply to be calibrated
and trimmed digitally in the production environment. The device
can calibrate items including the output voltage, input voltage,
input current, and input power, and it can trim for tolerance
errors introduced by sense resistors, current transformers, and
resistor dividers, as well as for its own internal circuitry.
The ADP1055 is factory trimmed, but it can be retrimmed by
the user to compensate for the errors introduced by external
components. The ADP1055 GUI allows the user to revert the
trim settings to their factory default values using the RESTORE_
DEFAULT_ALL command (Register 0x12). To unlock the trim
registers for write access, perform consecutive writes to TRIM_
PASSWORD (Register 0xD6) using the correct password. This
password is the same one used to unlock the EEPROM using
EEPROM_PASSWORD (Register 0xD5). The factory default
password is 0xFF.
The ADP1055 allows the user enough trim capability to trim for
external components with a tolerance of 0.5% or better. If the
ADP1055 is not trimmed in the production environment, it is
recommended that components with a tolerance of 0.1% or
better be used for the inputs to CS1, VFF, and VS± to meet the
data sheet specifications.
VOLTAGE CALIBRATION AND TRIM
The voltage sense point can be calibrated digitally to minimize
errors due to external components using the VOUT_TRIM
command (Register 0x22). This calibration can be performed in
the production environment, and the settings can be stored in
the EEPROM of the ADP1055.
The voltage sense inputs are optimized for sensing signals at
1 V. In a 12 V system, a 12:1 resistor divider is required to reduce
the 12 V signal down to 1 V. It is recommended that the output
voltage of the power supply be reduced to 1 V at this pin for best
performance. The tolerance of the resistor divider introduces
errors that must be trimmed. The ADP1055 has enough trim
range to trim out errors introduced by resistors with a tolerance
of 0.5% or better.
The VS ADC produces a digital code equal to VS±/1.6 × 4096.
The VS± inputs require a gain trim. The following steps should
be performed before any other trim routine.
1.
Set the output regulation point to 100% of the nominal
value.
2.
Enable the power supply with no load current. The power
supply output voltage is divided down by the resistor divider
to give 1 V across the VS+ and VS− differential input pins.
3.
Adjust the VS trim register (Register 0xFE80) until the VS±
voltage value in Register 0xFE97[13:2] reads 1010 0000 0000
when there is 1.0 V on the pins.
CS1 TRIM
The current sense can be calibrated using a dc or ac signal to
minimize errors due to external components.
Using a DC Signal
A known voltage (Vx) is applied at the CS1 pin. The CS1 ADC
should output a digital code equal to Vx/1.6 × 4096. Adjust the
CS1 gain trim register (Register 0xFE82) until the CS1 ADC
value in Register 0xFE98 reads the correct digital code. For
example, Register 0xFE98[13:2] reads a value of 1010 0000 0000
when there is 1.0 V on the CS1 pin.
Using an AC Signal
A known current (Ix) is applied to the CS1 pin. This current
passes through a current transformer, a diode rectifier, and an
external resistor (RCS1) to convert the current information to a
voltage (Vx). This voltage is fed into the CS1 pin. The voltage
(Vx) is calculated as follows:
Vx = Ix × (N1/N2) × RCS1
where N1/N2 is the turns ratio of the current transformer.
The CS1 ADC outputs a digital code equal to Vx/1.6 × 4096.
Adjust the CS1 gain trim register (Register 0xFE82) until the
CS1 ADC value in Register 0xFE98 reads the correct digital code.
VFF CALIBRATION AND TRIM
The VFF feedforward ADC (see Figure 32) is used for voltage
line feedforward and is factory trimmed. This ADC cannot be
trimmed by the user.
The VFF slow ADC requires a gain trim.
1.
Enable the power supply with full load current at the nominal
input voltage. The secondary peak reverse voltage on the
output rectifiers is filtered by an external RCD circuit (see
Figure 32).
2.
To trim the VFF ADC, reverse-calculate the primary
voltage as follows:
VPRIMARY = Vx × (R1 + R2)/R2 × (N1/N2)
where:
Vx is the voltage at the VFF pin.
N1/N2 is the turns ratio. }
3.
Adjust the VFF gain trim register (Register 0xFE81) until
this calculated voltage is equal to the desired primary input
voltage. For example, Register 0xFE96[13:2] reads a value
of 1010 0000 0000 when there is 1.0 V on the VFF pin.
The resistors in Figure 32 are sized such that the first time
constant, RC, is long enough to prevent overcharging of the
capacitor (roughly 200 ns in a typical application), whereas the
second time constant, (R1 + R2) × C, is long enough to keep the
average voltage constant during the rectifier off time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com