Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 65 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 65 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 68Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 69Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 65 of 140
FREQUENCY_SWITCH
The FREQUENCY_SWITCH command sets the switching frequency (in kHz) for the PMBus device. For a list of all supported switching
frequencies, see Table 244.
Table 32. Register 0x33—FREQUENCY_SWITCH (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
VIN_ON
The VIN_ON command sets the value of the input voltage (V rms) at which the device starts power conversion. Setting VIN_ON = 0
effectively disables this function.
Table 33. Register 0x35—VIN_ON
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
VIN_OFF
The VIN_OFF command sets the value of the input voltage (V rms) at which the device stops power conversion. VIN_OFF is not checked
until the device reaches the regulation voltage or TON_MAX has expired.
Table 34. Register 0x36—VIN_OFF
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
INTERLEAVE
The INTERLEAVE command is used to arrange multiple devices so that their switching periods can be distributed in time.
Table 35. Register 0x37—INTERLEAVE
Bits
Bit Name
R/W
Description
[15:12]
Reserved
R
Reserved.
[11:8]
Group ID number
R/W
Group identification number.
[7:4]
Number in group
R/W
Number of units in the group.
[3:0]
Interleave order
R/W
Interleave order for this unit.
0000 = 0 × 22.5° (0 × tSW/16).
0001 = 1 × 22.5° (1 × tSW/16).
0010 = 2 × 22.5° (2 × tSW/16).
0011 = 3 × 22.5° (3 × tSW/16).
…
1111 = 15 × 22.5° (15 × tSW/16).
IOUT_CAL_GAIN
The IOUT_CAL_GAIN command sets the ratio of the voltage at the current sense pins to the sensed current (in mΩ).
Table 36. Register 0x38—IOUT_CAL_GAIN
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com