Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADP1055ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 140 page
background image
Digital Controller for Power Supply
Applications with PMBus Interface
Data Sheet
ADP1055
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2014–2015 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−40°C to +125°C operation
PMBus Revision 1.2 compliant with PEC and extended
manufacturer specific commands
32-bit password protection with command masking
64 address selections (16 base addresses, expandable to 64)
6 PWM control signals, 625 ps resolution
Frequency from 48 kHz to 1 MHz
Duty cycle double update rate
Digital control loop (PID + additional pole or zero
configurability)
Programmable loop filters (CCM, DCM, low/normal
temperature)
Fast line voltage feedforward
Adaptive dead time compensation for improved efficiency
Remote voltage sense
Redundant programmable OVP
Current sense
Primary side cycle-by-cycle fast protection
Secondary side cycle-by-cycle fast overcurrent protection
Secondary side averaged reverse current protection using
diode emulation mode with fixed debounce
Synchronous rectifier control for improved efficiency
in light load mode
Nonlinear gain for faster transient response from DCM to CCM
Frequency synchronization
Soft start and soft stop functionality
Average and peak constant current mode
External PN junction temperature sensing
4 GPIOs (2 GPIOs configurable as active clamp snubber PWMs)
Extended black box data recorder for fault recording
User trimming on input and output voltages and currents
Digital current sharing
APPLICATIONS
Isolated dc-to-dc power supplies and modules
Redundant power supply systems
GENERAL DESCRIPTION
The ADP1055 is a flexible, feature-rich digital secondary side
controller that targets ac-to-dc and isolated dc-to-dc secondary
side applications. The ADP1055 is optimized for minimal
component count, maximum flexibility, and minimum design
time. Features include differential remote voltage sense, primary
and secondary side current sense, pulse-width modulation (PWM)
generation, frequency synchronization, redundant OVP, and
current sharing. The control loop digital filter and compensation
terms are integrated and can be programmed over the PMBus™
interface. Programmable protection features include
overcurrent (OCP), overvoltage (OVP) limiting, undervoltage
lockout (UVLO), and external overtemperature (OTP).
The built-in EEPROM provides extensive programming of the
integrated loop filter, PWM signal timing, inrush current, and
soft start timing and sequencing. Reliability is improved through
a built-in checksum and programmable protection circuits.
A comprehensive GUI is provided for easy design of loop filter
characteristics and programming of the safety features. The
industry-standard PMBus provides access to the many monitoring
and system test functions. The ADP1055 is available in a 32-lead
LFCSP and operates from a single 3.3 V supply.
TYPICAL APPLICATION DIAGRAM
Figure 1.
RES ADD JTD
GPIO1 TO GPIO4
SDA SCL VDD AGND DGND
OUTA
OUTB
OUTC
OUTD
CS1
SR1 SR2
VFF
ISHARE
VOUT
SYNC
NC
VCORE
DRIVER
iCoupler®
DRIVER
VS+
DC
INPUT
LOAD
OVP
CS2– CS2+
VS–
JRTN
VDD
ADP1055
CTRL SMBALRT
PMBus


Similar Part No. - ADP1055ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1050 AD-ADP1050 Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050ACPZ-R7 AD-ADP1050ACPZ-R7 Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050ACPZ-RL AD-ADP1050ACPZ-RL Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1050DC1-EVALZ AD-ADP1050DC1-EVALZ Datasheet
1Mb / 93P
Versatile digital voltage mode controller
Rev. A
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
More results

Similar Description - ADP1055ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1043 AD-ADP1043 Datasheet
141Kb / 8P
Digital Controller for Isolated Power Supply Applications
Rev. PrA
logo
Linear Technology
LTC7510 LINER-LTC7510 Datasheet
78Kb / 2P
Digital DC/DC Controller with PMBus Interface
logo
Analog Devices
ADP1043A AD-ADP1043A Datasheet
1Mb / 72P
Digital Controller for Isolated Power Supply Applications
REV. 0
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
Analog Devices
ADP1046A AD-ADP1046A Datasheet
1Mb / 88P
Digital Controller for Isolated Power Supply Applications
REV. 0
ADP1051 AD-ADP1051 Datasheet
785Kb / 17P
Digital Controller for Isolated Power Supply with PMBus Interface
Rev. PrA
logo
Monolithic Power System...
MP2953B MPS-MP2953B Datasheet
2Mb / 30P
Digital Multi-Phase Controller with PMBus Interface for VR12.5
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
ADP1052 AD-ADP1052 Datasheet
2Mb / 113P
Digital Controller for Isolated Power Supply with PMBus Interface
6/2017-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com