Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 93 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 93 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 97Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 93 of 140
Table 157. Register 0xFE2C—IIN_OC_FAST_SETTING
Bits
Bit Name
R/W
Description
[7:3]
Reserved
R
Reserved.
2
Threshold
R/W
0 = 1.2 V range.
1 = 250 mV range.
[1:0]
Debounce
R/W
Bit 1
Bit 0
Debounce Time
0
0
0 ns
0
1
40 ns
1
0
80 ns
1
1
120 ns
Table 158. Register 0xFE2D—IOUT_OC_FAST_SETTING
Bits
Bit Name
R/W
Description
[7:2]
Threshold
R/W
When the ADC range is 480 mV, LSB = 600/63 = 9.52 mV.
When the ADC range is 30 mV or 60 mV, LSB = 60/63 = 0.952 mV.
Threshold = LSB × Register 0xFE2D[7:2].
[1:0]
Debounce
R/W
Bit 1
Bit 0
Debounce Time
0
0
0 ns
0
1
40 ns
1
0
200 ns
1
1
400 ns
Table 159. Register 0xFE2E—IOUT_UC_FAST_SETTING
Bits
Bit Name
R/W
Description
[7:2]
Threshold
R/W
|LSB| = 30/63 = 0.476 mV.
Range is +30 mV to −30 mV in 64 steps.
Polarity = 0: Threshold = − 0.477 mV × Register 0xFE2E[7:2].
Polarity = 1: Threshold = + 0.472 mV × Register 0xFE2E [7:2].
Note that the IOUT_UC_FAST fault is set when the CS2 reverse comparator is asserted for the
minimum debounce programmed time. Once set, the IOUT_UC_FAST fault is cleared from
327 μs to 656 μs following the deassertion of the CS2 reverse comparator.
1
Polarity
R/W
1 = 0 to +30 mV range.
0 = 0 to −30 mV range.
0
Debounce
R/W
The debounce setting is set by Register 0xFE2D[1:0]. For example, if Register 0xFE2D[1:0] = 10,
the IOUT_OC_FAST_SETTING is 200 ns and the IOUT_UC_FAST_SETTING is 800 ns.
00 = 40 ns.
01 = 200 ns.
10 = 800 ns.
11 = 1200 ns.
Table 160. Register 0xFE2F—VOUT_OV_FAST_SETTING
Bits
Bit Name
R/W
Description
[7:2]
Threshold
R/W
64 steps: Threshold = 0.8 + (Register 0xFE2F[7:2]) × 0.8/63.
[1:0]
Debounce
R/W
These bits set the debounce time.
Bit 1
Bit 0
Typical Debounce Time
0
0
40 ns
0
1
2 μs + 1 μs
1
0
5 μs + 1 μs
1
1
10 μs + 1 μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com