Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 54 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 54 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 54 of 140
EEPROM
The ADP1055 has a built-in EEPROM controller that is used to
communicate with the embedded 8k × 8-byte EEPROM. The
EEPROM, also called Flash®/EE, is partitioned into two major
blocks: the INFO block and the main block. The INFO block
contains 128 8-bit bytes (for internal use only), and the main
block contains 8k 8-bit bytes. The main block is further partitioned
into 16 pages; each page contains 512 bytes.
OVERVIEW
The EEPROM controller provides an interface between the
ADP1055 core logic and the built-in Flash/EE. The user can
control data access to and from the EEPROM through this
controller interface. Different I2C commands are available for
the different operations to the EEPROM.
Communication is initiated by the master device sending a
command to the I2C slave device to access data from or send
data to the EEPROM. Using read and write commands, data is
transferred between devices in a byte wide format. Using a read
command, data is received from the EEPROM and transmitted
to the master device. Using a write command, data is received
from the master device and stored in the EEPROM through the
EEPROM controller. Send commands are also supported; a send
command is executed by the slave device upon receiving the stop
bit. The stop bit is the last bit in a complete data transfer, as defined
in the I2C communication protocol. For a complete description
of the I2C protocol, see the Philips I2C Bus Specification, Version 2.1,
dated January 2000.
PAGE ERASE OPERATION
The main block consists of 16 equivalent pages of 512 bytes each,
numbered Page 0 to Page 15. Page 0 and Page 1 of the main block
are reserved for storing the default settings and user settings,
respectively. Page 2 and Page 3 are reserved for storing the black
box information, and Page 4 and Page 5 are used to store the GUI
settings and factory tracking information. The user cannot perform
a page erase operation to any of Page 0 to Page 5.
Only Page 6 to Page 15 of the main block can be used to store
data. To erase any page from Page 6 to Page 15, the EEPROM
must first be unlocked for access. For instructions on how to
unlock the EEPROM, see the Unlock the EEPROM section.
Page 6 to Page 15 of the main block can be individually erased
using the EEPROM_PAGE_ERASE command (Register 0xD4).
For example, to perform a page erase of Page 10, execute the
following command:
Figure 82. Example Erase Command
In this example, command code = 0xD4 and data byte = 0x0A.
Wait at least 35 ms for the page erase operation to complete
before executing the next I2C command.
The EEPROM allows erasing of whole pages only; therefore, to
change the data of any single byte in a page, the entire page
must first be erased (set high) for that byte to be writable.
Subsequent writes to any bytes in that page are allowed as long
as that byte has not been written to a logic low previously.
READ OPERATION (BYTE READ AND BLOCK READ)
Read from Main Block, Page 0 to Page 5
Page 0 and Page 1 of the main block are reserved for storing the
default settings and user settings, respectively. Page 2 and
Page 3 are reserved for storing the black box information, and
Page 4 and Page 5 are used to store the GUI settings and factory
tracking information. These pages are intended to prevent third-
party access to this data. To read a page from Page 0 to Page 5,
the user must first unlock the EEPROM (see the Unlock the
EEPROM section). After the EEPROM is unlocked, Page 0 to
Page 5 are readable using the EEPROM_PAGE_xx commands,
as described in the Read from Main Block, Page 6 to Page 15
section. Note that when the EEPROM is locked, a read from
Page 0 to Page 5 returns invalid data.
Read from Main Block, Page 6 to Page 15
Data in Page 6 to Page 15 of the main block is always readable,
even with the EEPROM locked. The data in the EEPROM main
block can be read one byte at a time or in multiple bytes in series
using the EEPROM_PAGE_xx commands (Register 0xB0 to
Register 0xBF).
Before executing this command, the user must program the
number of bytes to read using the EEPROM_NUM_RD_BYTES
command (Register 0xD2). The user can also program the offset
from the page boundary where the first read byte is returned using
the EEPROM_ADDR_OFFSET command (Register 0xD3).
In the following example, three bytes from Page 6 are read from
the EEPROM, starting from the fifth byte of that page.
1.
Set the number of return bytes = 3.
2.
Set address offset = 5.
S
7-BIT SLAVE
ADDRESS
W
A
A
P
DATA
BYTE
COMMAND
CODE
A
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT SLAVE
ADDRESS
W
A
A
P
0xD2
0x03
A
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
W
A
A
A
A
P
0xD3
0x00
0x05
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com