Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 31 of 140
GPIO3 AND GPIO4 AS SNUBBER PWM OUTPUTS
The GPIO3 and GPIO4 pins of the ADP1055 can be configured
as two signals used for an active snubber. This circuitry can be
used to provide a drive signals for an active clamp.
Snubber Configuration
The on time of the snubber and the dead time of the snubber
signals can be programmed using Register 0xFE63 and
Register 0xFE64[5:0], respectively. The active clamp signals
turn on after a selectable dead time (0 ns to 315 ns in steps of
5 ns, programmable using Register 0xFE64[5:0]). Using
Register 0xFE65[7], the active clamp signals can be configured
on one of the following:
Falling edge of SR1 or SR2 signal
Falling edge of OUTC and OUTD
The snubber signal stays on for a fixed value regardless of the
duty cycle and load condition programmed in Register 0xFE63.
However, the snubber signal is toggled as soon as it encounters
the next SRx rising edge or the next OUTx falling edge, even if
the programmed on time is of a greater value.
Figure 45. Active Clamp Snubber Configured on SRx Signals
Figure 46. Active Clamp Snubber Configured on OUTx Signals
Miscellaneous Snubber Configuration
Using Register 0xFE64[7:6]), the snubber configuration can be
set to one of these options:
Option 1: Both GPIO3 and GPIO4 are configured as regular
signals, as described in the GPIO and PGOOD Signals section
(see Figure 47).
Option 2: GPIO3 is configured as an active snubber
PWM output; GPIO4 is configured as a regular signal
(see Figure 48).
Option 3: GPIO3 is configured as a regular signal; GPIO4 is
configured as an active snubber PWM output (see Figure 49).
Option 4: Both GPIO3 and GPIO4 are configured as active
snubber PWM outputs (see Figure 50).
Figure 47. Option 1: GPIO3 and GPIO4 Configured as Regular Signals
Figure 48. Option 2: GPIO3 Configured as an Active Snubber PWM Output;
GPIO4 Configured as a Regular Signal
Figure 49. Option 3: GPIO3 Configured as a Regular Signal;
GPIO4 Configured as an Active Snubber PWM Output
Figure 50. Option 4: GPIO3 and GPIO4 Configured
as Active Snubber PWM Outputs
The GPIO polarity bit can be configured using the same bits
described in the GPIO and PGOOD Signals section. The
polarity bit allows true versatility with the use of either P channel
or N channel FETs, depending on the application. These PWM
signals can be blanked during soft start and soft stop using
Register 0xFE46[14] and Register 0xFE47[14]. The signals are
active as long as the system does not shut down in response to a
fault condition or a PSOFF command is issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com