Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 16 of 140
CONTROLLER ARCHITECTURE
The ADP1055 is an application specific digital controller based
on finite state machine (FSM) architecture. The ADP1055 supports
a subset of the PMBus Revision 1.2 standard and also has extended
manufacturer specific commands to provide a feature rich digital
power product.
Dedicated ADCs and comparators constitute the analog front
end of the controller, feeding information to the digital core. The
information is processed and used to generate the programmable
PWM signals and to take action for various features such as light
load or overvoltage/overcurrent protection.
The ADP1055 has six PWM outputs: OUTA to OUTD for the
primary side switches and SR1 and SR2 for the secondary side
synchronous rectifiers. The ADP1055 allows individual
programming of the PWM outputs to form the timing of the
power switches for any power topology, such as full bridge, full
bridge phase shifted, current doubler, or active clamp.
Primary side information (current or voltage) is sensed and
processed via the CS1 and VFF pins, whereas secondary side
information is obtained via the CS2±, ISHARE, VS±, and OVP
pins. A dedicated temperature sensor uses the JTD and JRTN
pins. The input voltage is measured using the VFF pin and is
used for line voltage feedforward. Extensive fault protection
schemes are provided, and the controller also has a black box to
record the state of the device (all sensor information including
voltages, currents, temperatures, and flags) upon shutdown.
I2C/PMBus communication is facilitated by the SDA, SCL, and
SMBALRT pins. Four GPIO pins can be used as flag output
signals or as an interrupt service routine (ISR) to trigger a
PMBus fault action. The CTRL pin is used as described in the
PMBus specification.
Detailed descriptions of all ADP1055 features are provided in
the Theory of Operation section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com