Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 35 of 140
Digital Share Bus
The digital share bus scheme is similar in principle to the tradi-
tional analog share bus scheme. The difference is that instead of
using a voltage on the share bus to represent current, a digital
word is used.
The ADP1055 outputs a digital word onto the share bus. The
digital word is a function of the current that the power supply is
providing (the higher the current, the larger the digital word).
The power supply with the highest current controls the bus
(master). A power supply that is putting out less current (slave)
sees that another supply is providing more power to the load
than it is.
During the next cycle, the slave increases its current output contri-
bution by increasing its output voltage. This cycle continues
until the slave outputs the same current as the master, within a
programmable tolerance range. Figure 58 shows the configu-
ration of the digital share bus.
Figure 58. Digital Current Share Configuration
The digital share bus is based on a single-wire communication
bus principle; that is, the clock and data signals are contained
together.
When two or more ADP1055 devices are connected, they syn-
chronize their share bus timing. This synchronization is performed
by the start bit at the beginning of a communications frame. If a
new ADP1055 is hot-swapped onto an existing digital share bus,
the device waits to begin sharing until the next frame. The new
ADP1055 monitors the share bus until it sees a stop bit, which
designates the end of a share frame. It then performs synchroni-
zation with the other ADP1055 devices during the next start bit.
The digital share bus frame is shown in Figure 60.
Figure 59 shows the possible signals on the share bus.
Figure 59. Share Bus High, Low, and Idle Bits
The length of a bit (tBIT) is fixed at 10 μs. A Logic 1 is defined as
a high-to-low transition at the start of the bit and a low-to-high
transition at 75% of tBIT. A Logic 0 is defined as a high-to-low
transition at the start of the bit and a low-to-high transition at
25% of tBIT.
The bus is idle when it is high during the whole period of tBIT.
All other activity on the bus is illegal. Glitches up to tGLITCH
(200 ns) are ignored.
The digital word that represents the current information is eight
bits long. The ADP1055 takes the eight MSBs of the CS1 or CS2
reading (the current share signal specified in Register 0xFE2B[3])
and uses this reading as the digital word. When read, the share
bus value at any given time is equal to the CS1 or CS2 current
reading (see Figure 61).
Figure 60. Digital Current Share Frame Timing Diagram
DIGITAL
WORD
SHARE
BUS
CURRENT SENSE
INFO
ISHARE
POWER SUPPLY A
DIGITAL
WORD
CURRENT SENSE
INFO
ISHARE
POWER SUPPLY B
VDD
LOGIC 1
LOGIC 0
IDLE
PREVIOUS
BIT
NEXT
BIT
t1
t0
tBIT
8-BIT DATA
PREVIOUS
FRAME
START BIT
0
2 STOP BITS
(IDLE)
START BIT
0
2 STOP BITS
(IDLE)
NEXT FRAME
FRAME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com