Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 40 of 140
Using the priority of faults (see the Priority of Faults section),
the fault that causes the ADP1055 to shut down is the one stored
in the FFID. For example, a configuration includes these faults:
OVP fault with a delay of 100 ms and five retry times
OCP fault with an action to shut down immediately with a
0 ms delay
If the OVP fault occurs and after the third retry attempt, the
OCP fault occurs, the OCP fault is stored in the FFID register.
On the other hand, if all five OVP retries occur before the OCP
fault occurs, the OVP fault is stored in the FFID. This statement
is true only if Register 0xFE_48[1:0] is set to 01. If it is set to 10,
the FFID is set to OVP on the first retry time.
Note that warning flags such as IOUT_OC_WARN and
VOUT_OV_WARN do not have debounce times.
The ADP1055 has a fault handler that can detect and track
faults and, in the case where a fault is programmed to shut
down and retry (restart) the system, the fault handler cycles the
ADP1055 through a shutdown and soft start procedure.
Throughout the soft start ramp, the fault handler continues to
monitor the device for any faults that can trigger a fault
response. Soft start blanking can be configured to ignore faults
during the soft start ramp.
If a fault condition triggers a shutdown-retry cycle, the fault
handler tracks the number of retry attempts of the programmed
fault response and permanently shuts down the device when the
configured number of retry times is reached. A shutdown-retry
cycle is considered successful if the triggering fault is cleared at
the end of the soft start ramp, at which point voltage regulation
is achieved. Following a successful retry attempt, the fault handler
removes the fault from its queue, clears all retry attempt counters,
and monitors the device for the next highest priority fault.
Debounce times can be added to a flag condition to effectively
delay the fault condition beyond the end of the soft start ramp.
Note that the fault handler considers this a successful retry
attempt (because no fault is seen when transitioning from soft
start to normal operation). The fault handler clears the fault and
resets the retry counters. For example, consider a TON_RISE
time of 10 ms, with a fault response set to shut down and retry
three times, and a flag condition that occurs during the soft
start ramp (t1 < 10 ms). If the debounce time (td) is small
enough such that t1 + td < TON_RISE, the fault condition is
latched before the end of the soft start ramp, and the ADP1055
shuts down and retries accordingly, while incrementing the
retry counter.
After three retries, the ADP1055 shuts down, requiring a
power-up to start again. However, if the debounce time (td) is
large enough such that t1 + td > TON_RISE, the fault condition
is latched after the ADP1055 transitions from soft start to
normal operation. In this scenario, the fault condition is cleared
and the retry counter is reset at the end of the soft start ramp.
The delayed fault initiates another set of three shutdown-retry
cycles. This behavior effectively causes the system to retry
indefinitely, even though the fault response is programmed to
retry only three times.
A notable exception is TON_MAX_FAULT when overshoot
protection is enabled. If the ADP1055 detects an out-of-
regulation condition for x consecutive switching cycles during
the soft start ramp (that is, the output voltage does not track the
desired ramp-up voltage), the ADP1055 tries to remedy the
situation by exiting soft start and retrying. As a result, the soft
start ramp ends prematurely, which has the effect of resetting
the retry counter.
Table 9 provides a summary of faults and respective debounce
times.
FAULT CONDITION DURING SOFT START AND
SOFT STOP
If a fault condition occurs during soft start, the controller responds
as programmed unless the flag is blanked. Flag blanking during
soft start and soft stop is programmed in Register 0xFE46 and
Register 0xF47, respectively.
If a fault (for example, TON_MAX or IIN_OC) occurs at any
time during the soft start process with an action set to a value
other than shutdown, the remainder of the soft start ramp
continues at the transition rate specified by the PMBus
command VOUT_TRANSITION_RATE (Register 0x27).
During soft start, the TON_MAX fault is valid; after output
regulation is reached, the UVP fault is valid. This means that
the system does not start monitoring for UVP fault until after
the soft-start ramp-up.
WATCHDOG TIMER
In the case where the voltage fault response is set to disable the
outputs and wait for the faults to clear (Bits[7:6] = 11), the
ADP1055 disables the PWM outputs but does not immediately
shut down and restart through a soft start cycle. The ADP1055
keeps the PWM outputs disabled until the fault is cleared, after
which the PWM outputs are reenabled.
If the fault is not cleared, the system can potentially remain in a
dormant condition for an infinitely long time. To prevent this
condition, a watchdog timer can be set to time out the fault
condition. The WDT_SETTING command (Register 0xFE3F)
is used to set a timeout of 0 sec, 1 sec, 5 sec, or 10 sec, after
which the system shuts down, captures the FFID, and requires a
power-up (CTRL pin or OPERATION command) to restart.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com