Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 67Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 64 of 140
VOUT_TRIM
The VOUT_TRIM command applies a fixed offset voltage to the VOUT_COMMAND value.
Table 25. Register 0x22—VOUT_TRIM
Bits
Bit Name
R/W
Description
[15:0]
Offset trim
R/W
Twos complement integer used to apply a fixed offset voltage to the VOUT_COMMAND value.
VOUT_CAL_OFFSET
The VOUT_CAL_OFFSET command is used to apply a fixed offset voltage to the VOUT_COMMAND value.
Table 26. Register 0x23—VOUT_CAL_OFFSET
Bits
Bit Name
R/W
Description
[15:0]
Offset trim
R/W
Twos complement integer used to apply a fixed offset voltage to the VOUT_COMMAND value.
VOUT_MAX
The VOUT_MAX command sets an upper limit on the output voltage. Exponent N is set using VOUT_MODE[4:0].
Table 27. Register 0x24—VOUT_MAX
Bits
Bit Name
R/W
Description
[15:0]
Mantissa-Y
R/W
Sets the output voltage upper limit. 16-bit unsigned integer Y value for linear data format (V = Y × 2N).
VOUT_TRANSITION_RATE
When the device receives a VOUT_COMMAND or OPERATION command that causes the output voltage to change, this command sets
the output transition rate (or slew rate), in mV/μs, at which the VS± pins change voltage.
Table 28. Register 0x27—VOUT_TRANSITION_RATE
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
VOUT_DROOP
The VOUT_DROOP command sets the rate, in mV/A, at which the output voltage decreases (or increases) with increasing (or
decreasing) output current.
Table 29. Register 0x28—VOUT_DROOP
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
VOUT_SCALE_LOOP
The VOUT_SCALE_LOOP command sets the gain (KR) by which the commanded voltage (VOUT) is scaled to generate the internal
reference voltage (VREF). VREF = VOUT × KR, where KR = Y × 2N.
Table 30. Register 0x29—VOUT_SCALE_LOOP
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
VOUT_SCALE_MONITOR
The VOUT_SCALE_MONITOR command sets the gain (KVOUT) by which the sensed output voltage at the DUT (VOUT_DUT) is scaled to
generate the reading for the READ_VOUT command. READ_VOUT = VOUT_DUT × KVOUT, where KVOUT = Y × 2N.
Table 31. Register 0x2A—VOUT_SCALE_MONITOR
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R/W
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R/W
Twos complement Y-mantissa used in linear data format (X = Y × 2N).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com