Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 84 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 84 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 84 of 140
EEPROM_CRC_CHKSUM
Table 115. Register 0xD1—EEPROM_CRC_CHKSUM
Bits
Bit Name
R/W
Description
[7:0]
CRC checksum
R
Return the CRC checksum value from the EEPROM download operation.
EEPROM_NUM_RD_BYTES
Table 116. Register 0xD2—EEPROM_NUM_RD_BYTES
Bits
Bit Name
R/W
Description
[7:0]
Number of read bytes returned
R/W
Set the number of read bytes returned when using the EEPROM_PAGE_xx commands.
EEPROM_ADDR_OFFSET
Table 117. Register 0xD3—EEPROM_ADDR_OFFSET
Bits
Bit Name
R/W
Description
[15:0]
Address offset
R/W
Sets the address offset of the current EEPROM page.
EEPROM_PAGE_ERASE
Table 118. Register 0xD4—EEPROM_PAGE_ERASE
Bits
Bit Name
R/W
Description
[7:0]
Page erase
W
Perform a page erase on the selected EEPROM page (Page 6 to Page 15). Wait 35 ms after each page
erase operation. The EEPROM must first be unlocked. Page 0 to Page 5 are reserved and their
contents must not be erased.
EEPROM_PASSWORD
Table 119. Register 0xD5—EEPROM_PASSWORD
Bits
Bit Name
R/W
Description
[7:0]
EEPROM
password
W
Write the password to this register two consecutive times to unlock the EEPROM and/or to change
the EEPROM password. The factory default password is 0xFF. To lock the EEPROM, type any value
other than the password to this register.
TRIM_PASSWORD
Table 120. Register 0xD6—TRIM_PASSWORD
Bits
Bit Name
R/W
Description
[7:0]
Trim password
W
Write the password to this register to unlock the trim registers for write access. Write the trim
password twice to unlock the register; write any other value to exit. The trim password is the same
as the EEPROM password (0xFF).
KEY_CODE
Table 121. Register 0xD7—KEY_CODE
Bits
Bit Name
R/W
Description
[31:0]
Keycode
Block read/
write
Write the 32-bit keycode to this command to unlock access to Command 0xF4 and Command 0xF5.
Write the key code password twice to unlock the commands; write any other value to lock them.
The factory default password is 0xFFFFFFFF. The procedure includes a block write of four bytes. The
readback returns five bytes; the fifth byte is 0 if locked or 1 if unlocked.
EEPROM_INFO
Table 122. Register 0xF1—EEPROM_INFO
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_INFO
Block read
Block read of the manufacturer data in the EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com