Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 91 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 91 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 95Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 91 of 140
Bits
Bit Name
R/W
Description
[1:0]
Volt-second balance
gain setting
R/W
These bits set the gain of the volt-second balance circuit. The gain can be changed by a factor
of 64. When these bits are set to 00, it takes approximately 700 ms to achieve volt-second balance.
When these bits are set to 11, it takes approximately 10 ms to achieve volt-second balance.
Bit 1
Bit 0
Volt-Second Balance Gain
0
0
1
0
1
4
1
0
16
1
1
64
Table 151. Register 0xFE26—VSBAL_OUTA_B
Bits
Bit Name
R/W
Description
7
Modulate enable, t1
R/W
Setting this bit enables modulation from balance control on the OUTA rising edge, t1.
6
t1 sign
R/W
0 = positive sign. Increase of balance control modulation moves t1 right.
1 = negative sign. Increase of balance control modulation moves t1 left.
5
Modulate enable, t2
R/W
Setting this bit enables modulation from balance control on the OUTA falling edge, t2.
4
t2 sign
R/W
0 = positive sign. Increase of balance control modulation moves t2 right.
1 = negative sign. Increase of balance control modulation moves t2 left.
3
Modulate enable, t3
R/W
Setting this bit enables modulation from balance control on the OUTB rising edge, t3.
2
t3 sign
R/W
0 = positive sign. Increase of balance control modulation moves t3 right.
1 = negative sign. Increase of balance control modulation moves t3 left.
1
Modulate enable, t4
R/W
Setting this bit enables modulation from balance control on the OUTB falling edge, t4.
0
t4 sign
R/W
0 = positive sign. Increase of balance control modulation moves t4 right.
1 = negative sign. Increase of balance control modulation moves t4 left.
Table 152. Register 0xFE27—VSBAL_OUTC_D
Bits
Bit Name
R/W
Description
7
Modulate enable, t5
R/W
Setting this bit enables modulation from balance control on the OUTC rising edge, t5.
6
t5 sign
R/W
0 = positive sign. Increase of balance control modulation moves t5 right.
1 = negative sign. Increase of balance control modulation moves t5 left.
5
Modulate enable, t6
R/W
Setting this bit enables modulation from balance control on the OUTC falling edge, t6.
4
t6 sign
R/W
0 = positive sign. Increase of balance control modulation moves t6 right.
1 = negative sign. Increase of balance control modulation moves t6 left.
3
Modulate enable, t7
R/W
Setting this bit enables modulation from balance control on the OUTD rising edge, t7.
2
t7 sign
R/W
0 = positive sign. Increase of balance control modulation moves t7 right.
1 = negative sign. Increase of balance control modulation moves t7 left.
1
Modulate enable, t8
R/W
Setting this bit enables modulation from balance control on the OUTD falling edge, t8.
0
t8 sign
R/W
0 = positive sign. Increase of balance control modulation moves t8 right.
1 = negative sign. Increase of balance control modulation moves t8 left.
Table 153. Register 0xFE28—VSBAL_SR1_2
Bits
Bit Name
R/W
Description
7
Modulate enable, t9
R/W
Setting this bit enables modulation from balance control on the SR1 rising edge, t9.
6
t9 sign
R/W
0 = positive sign. Increase of balance control modulation moves t9 right.
1 = negative sign. Increase of balance control modulation moves t9 left.
5
Modulate enable, t10
R/W
Setting this bit enables modulation from balance control on the SR1 falling edge, t10.
4
t10 sign
R/W
0 = positive sign. Increase of balance control modulation moves t10 right.
1 = negative sign. Increase of balance control modulation moves t10 left.
3
Modulate enable, t11
R/W
Setting this bit enables modulation from balance control on the SR2 rising edge, t11.
2
t11 sign
R/W
0 = positive sign. Increase of balance control modulation moves t11 right.
1 = negative sign. Increase of balance control modulation moves t11 left.
1
Modulate enable, t12
R/W
Setting this bit enables modulation from balance control on the SR2 falling edge, t12.
0
t12 sign
R/W
0 = positive sign. Increase of balance control modulation moves t12 right.
1 = negative sign. Increase of balance control modulation moves t12 left.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com