Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 83 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 83 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 83 of 140
EEPROM_PAGE_10
Table 108. Register 0xBA—EEPROM_PAGE_10
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_PAGE_10
Block read/write
Block read/write of Page 10 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_PAGE_11
Table 109. Register 0xBB—EEPROM_PAGE_11
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_PAGE_11
Block read/write
Block read/write of Page 11 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_PAGE_12
Table 110. Register 0xBC—EEPROM_PAGE_12
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_PAGE_12
Block read/write
Block read/write of Page 12 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_PAGE_13
Table 111. Register 0xBD—EEPROM_PAGE_13
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_PAGE_13
Block read/write
Block read/write of Page 13 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_PAGE_14
Table 112. Register 0xBE—EEPROM_PAGE_14
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_PAGE_14
Block read/write
Block read/write of Page 14 of the EEPROM main block. The EEPROM must first be unlocked.
EEPROM_PAGE_15
Table 113. Register 0xBF—EEPROM_PAGE_15
Bits
Bit Name
R/W
Description
[7:0]
EEPROM_PAGE_15
Block read/write
Block read/write of Page 15 of the EEPROM main block. The EEPROM must first be unlocked.
SLV_ADDR_SELECT
On first power-up, a read to this command using the general call address (0x00) returns the I2C slave address of the ADP1055. Any
subsequent writes to this register overwrite this information.
Table 114. Register 0xD0—SLV_ADDR_SELECT
Bits
Bit Name
R/W
Description
[7:6]
Reserved
R
Returns 01.
[5:4]
Address, high byte
R/W
00 = 0x40 to 0x4F (default address set by selecting resistor on the ADD pin).
01 = 0x50 to 0x5F.
10 = 0x60 to 0x6F.
11 = 0x70 to 0x7F.
[3:0]
Address, low byte
R/W
Low byte of slave address (determined by the resistor value on the ADD pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com