Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 36 of 140
Digital Share Bus Scheme
Each power supply compares the digital word that it is outputting
with the digital words of all the other supplies on the bus.
Round 1
In Round 1, every supply first places its MSB on the bus. If a
supply senses that its MSB is the same as the value on the bus, it
continues to Round 2. If a supply senses that its MSB is less than
the value on the bus, it means that this supply must be a slave.
When a supply becomes a slave, it stops communicating on the
share bus because it knows that it is not the master. The supply then
increases its output voltage in an attempt to share more current.
If two units have the same MSB, they both continue to Round 2
because either of them may be the master.
Round 2
In Round 2, all supplies that are still communicating on the bus
place their second MSB on the share bus. If a supply senses that
its MSB is less than the value on the bus, it means that this supply
must be a slave and it stops communicating on the share bus.
Round 3 to Round 8
The same algorithm is repeated for up to eight rounds to allow
supplies to compare their digital words and, in this way, to
determine whether each unit is the master or a slave.
Digital Share Bus Configuration
The digital share bus can be configured in various ways. The
bandwidth of the share bus loop is programmable in Register
0xFE2B[2:0]. The extent to which a slave tries to match the
current of the master is programmable in Register 0xFE2A[3:0].
The slave moves up 1 LSB for every share bus transaction (eight
data bits plus start and stop bits; see the description of Register
0xFE2B in Table 156). The master moves down x LSBs per share
bus transaction, where x is the share bus setting in Register
0xFE2A[7:4]. The maximum limit for the output voltage of the
slave is 400 mV at the VS± pins. The ISHARE_FAULT is set
when the current share loop reaches its maximum value, that is,
400 mV at the VS± pins. It is recommended that there be a load
line of 5 mΩ to 10 mΩ between the output terminals of the power
supply to the load.
DROOP SHARING
The droop sharing functionality is implemented using the
VOUT_DROOP command (Register 0x28). Using this command,
a fixed amount of load line in mV/A can be applied to the
output voltage. The output voltage is continuously sampled with
a selectable rate (set in Register 0xFE65[1:0]) before the droop
is applied. Under droop current sharing, the output voltage
changes at a rate determined by the VOUT_TRANSITION_ RATE
command. Setting 0xFE65[2] = 1 changes the internal voltage
reference to the fastest internal supported rate.
Figure 61. How the Share Bus Generates the Digital Word to Place on the Digital Share Bus
CURRENT
SENSE
ADC
1 LSB = 29.3µV
35mV/29.3µV = 1195
MASTER
+
35mV
–
DIGITAL
WORD
DIGITAL
FILTER
÷16
12 BITS
1195 DEC
0x4AB
8 BITS
74 DEC
0x4A
0x4A
CS2+
CS2–
VDD
SHARE
BUS
8-BIT
WORD
0xB5
8-BIT
WORD
0x4A
ISHARE
IOUT = 35A
1mΩ
PSU A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com