Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 50 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 50 of 140
PMBUS ADDRESS SELECTION
Control of the ADP1055 is implemented via the I2C interface.
The ADP1055 device is connected to the I2C bus as a slave device
under the control of a master device. The PMBus address of the
ADP1055 is set by connecting an external resistor from the ADD
pin to AGND. Table 11 lists the recommended resistor values
and associated PMBus addresses.
Table 11. PMBus Address Settings
PMBus
Addr 1
PMBus
Addr 2
PMBus
Addr 3
PMBus
Addr 4
1% Resistor (Ω)
(E96 series)
0x40
0x50
0x60
0x70
210 (or connect
to AGND)
0x41
0x51
0x61
0x71
750
0x42
0x52
0x62
0x72
1330
0x43
0x53
0x63
0x73
2050
0x44
0x54
0x64
0x74
2670
0x45
0x55
0x65
0x75
3570
0x46
0x56
0x66
0x76
4420
0x47
0x57
0x67
0x77
5360
0x48
0x58
0x68
0x78
6340
0x49
0x59
0x69
0x79
7320
0x4A
0x5A
0x6A
0x7A
8450
0x4B
0x5B
0x6B
0x7B
9530
0x4C
0x5C
0x6C
0x7C
10,700
0x4D
0x5D
0x6D
0x7D
12,100
0x4E
0x5E
0x6E
0x7E
13,700
0x4F
0x5F
0x6F
0x7F
15,000 (or connect
to VDD)
Using a resistor enables the selection of 16 different base addresses
from 0x40 to 0x4F. Additional addresses can be selected using the
SLV_ADDR_SELECT command (Register 0xD0). For example,
a device can be programmed to have an address of 0x65 by
connecting a 3.57 kΩ resistor at the ADD pin and programming
Register 0xD0[5:4] to 10 and saving to the EEPROM. The next
time that the power is cycled to the ADP1055, the device responds
to an address of 0x65. Other addresses can be selected.
If an incorrect resistor value is used and the resulting I2C
address is close to a threshold between two addresses, the
STATUS_UNKNOWN flag is set (Register 0xFE94[3]). It is
recommended that 1% tolerance resistors be used on the ADD
pin. However, 5% resistors can be selected, but the use of some
of the addresses will not be allowed due to the overlap of
address ranges.
In addition to its programmed address, the ADP1055 responds
to the standard PMBus broadcast address (general call) of 0x00.
FAST MODE
Fast mode (400 kHz) uses essentially the same mechanics as
the standard mode of operation; the electrical specifications
and timing are most affected. The PMBus slave is capable of
communicating with a master device operating in standard
mode (100 kHz) or fast mode.
10-BIT ADDRESSING
The PMBus slave device does not support 10-bit addressing as
defined in the I2C specification.
PACKET ERROR CHECKING
The PMBus controller implements packet error checking (PEC)
to improve reliability and communication robustness. Packet
error checking is implemented by appending a PEC byte at the
end of the message transfer. The PEC byte is calculated using a
CRC-8 algorithm on all ADDR, CMD, and DATA bytes from
the start to stop bits (excluding the ACK, NACK, start, restart,
and stop bits). The PEC byte is appended to the end of the
message by the device that supplied the last data byte. The
receiver of the PEC byte is responsible for calculating its
internal PEC code and comparing it to the received PEC byte.
The ADP1055 can communicate with master PMBus devices that
support PEC, as well as with master devices that do not support
PEC. If a PEC byte is available, the PMBus device checks the
PEC byte and issues an acknowledge (ACK) if the PEC byte is
correct. If the PEC byte comparison fails, the PMBus device
issues a no acknowledge (NACK) in response to the PEC byte
and does not process the command sent from the master.
The PMBus device uses built-in hardware to calculate the PEC
code using the CRC-8 polynomial, C(x) = x8 + x2 + x1 + 1. The
PEC code is calculated one byte at a time, in the order that it is
received. In a read transaction, the PMBus device appends the
PEC byte following the last data byte. In a write transaction, the
PMBus device compares the received PEC byte to the internally
calculated PEC code.
ELECTRICAL SPECIFICATIONS
All logic complies with the Electrical Specification outlined in
the PMBus Power System Management Protocol Specification
Part 1, Revision 1.2, dated September 6, 2010.
FAULT CONDITIONS
The PMBus protocol provides a comprehensive set of fault
conditions that must be monitored and reported. These fault
conditions can be grouped into two major categories: commu-
nication faults and monitoring faults.
Communication faults are error conditions associated with the
data transfer mechanism of the PMBus protocol (see the following
sections for more information).
Monitoring faults are error conditions associated with the
operation of the PMBus device, such as output overvoltage
protection, and are specific to each PMBus device. For more
information about the monitoring fault conditions, see the Fault
Responses and State Machine Mechanics section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com