Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 7 of 140
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
Temperature Coefficient
VDD = 3.3 V
30 mV Range
0 mV to 19 mV
326
ppm/°C
0 mV to 21 mV
354
ppm/°C
60 mV Range
0 mV to 41 mV
172
ppm/°C
0 mV to 45 mV
194
ppm/°C
480 mV Range
0 mV to 374 mV
83
ppm/°C
0 mV to 414 mV
84
ppm/°C
CURRENT SENSE MEASUREMENT
ACCURACY (CS2+, CS2− PINS)
30 mV Setting
0 mV to 19 mV
−2.9
+2.9
% FSR
0 mV to 21 mV
−3.1
+3.1
% FSR
60 mV Setting
0 mV to 41 mV
−1.9
+1.9
% FSR
0 mV to 45 mV
−2.1
+2.1
% FSR
480 mV Setting
0 mV to 374 mV
−1.5
+1.5
% FSR
0 mV to 414 mV
−1.7
+1.7
% FSR
Internal Level Shifting Current
All ranges
25
μA
CS2 Accurate OCP Speed
2.6
ms
COMMON-MODE VOLTAGE OFFSET
ERROR (CS2+, CS2− PINS)
Maximum voltage differential from CS2−
to AGND of ±50 mV
30 mV Range
−1.0
+1.0
% FSR
60 mV Range
−0.5
+0.5
% FSR
480 mV Range
−0.25
+0.25
% FSR
CS2 OCP FAST COMPARATORS
(CS2+, CS2− PINS)
For CS2 fast OCP and peak constant
current mode
CS2 Forward Comparator
Accuracy
Range of 0 mV to 60 mV
Threshold set at 0 mV
−10.3
% FSR
Threshold set at 15.24 mV
−10.1
% FSR
Threshold set at 30.48 mV
−23.8
+16.7
% FSR
Threshold set at 45.71 mV
−10.2
% FSR
Threshold set at 60 mV
−10.2
% FSR
Range of 0 mV to 600 mV
Threshold set at 0 mV
−0.8
% FSR
Threshold set at 152.4 mV
0.1
% FSR
Threshold set at 304.8 mV
−7.1
+7.6
% FSR
Threshold set at 457.1 mV
0.9
% FSR
Threshold set at 600 mV
1.3
% FSR
Reverse Comparator Accuracy
Range of 0 mV to 30 mV
Threshold set at 0 mV
−11.8
% FSR
Threshold set at 7.62 mV
−11.8
% FSR
Threshold set at 15.24 mV
−13.8
+16.9
% FSR
Threshold set at 22.86 mV
12.7
% FSR
Threshold set at 30 mV
12.5
% FSR
Range of −30 mV to 0 mV
Threshold set at 0 mV
17.1
% FSR
Threshold set at −7.62 mV
16.9
% FSR
Threshold set at −15.24 mV
−9.5
+23.2
% FSR
Threshold set at −22.86 mV
17.6
% FSR
Threshold set at −30 mV
17.4
% FSR
Propagation Delay
Register 0xFE2D[1:0] = 00 (diode
emulation mode)
40
80
ns
JTD TEMPERATURE SENSE
ADC Clock Frequency
1.56
MHz
Update Rate
For updating registers (14-bit resolution)
Reverse Sensing Enabled
200
ms
Reverse Sensing Disabled
130
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com