Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 41 of 140
Table 9. Summary of Faults with Debounce Times
Function/PMBus
Command
Pin
Comments
Debounce
LSB
Fault response
Command
VOUT_OV_FAST
OVP
An analog comparator on this pin provides this protection.
0xFE2F[1:0]
VOUT_OV_FAST_
RESPONSE
VOUT_OV
VS±
The ADC on this pin is averaged every 82 μs with 7-bit
accuracy for this fault. This information is compared with
the VOUT_OV_FAULT_LIMIT to set the flag.
0xFE30[3:0]
1.6/27
VOUT_OV_FAULT_
RESPONSE
VOUT_OV_WARN
VS±
Same as VOUT_OV.
N/A
1.6/27
N/A
VOUT_UV_WARN
VS±
Same as VOUT_UV.
N/A
1.6/29
N/A
VOUT_UV
VS±
The ADC on this pin is averaged every 328 μs with 9-bit
accuracy for this fault. This information is compared with
the VOUT_UV_FAULT_LIMIT to set the flag.
0xFE30[10:8]
1.6/29
VOUT_UV_FAULT_R
ESPONSE
IOUT_OC
CS2±
The ADC on this pin is averaged every 2.6 ms with 12-bit
accuracy for this fault. This information is compared with
the IOUT_OC_FAULT_LIMIT to set the flag.
0xFE31[3:0]
IOUT_OC:
CS2_Range/212
IOUT_OC_
FAULT_RESPONSE
The ADC on this pin is averaged every 328 μs with 9-bit
accuracy for CC mode. This information is compared with
the IOUT_OC_FAULT_LIMIT ± the threshold set in Register
0xFE5D[2:0] to enter CC mode. For turbo mode, the
averaging is every 41 μs with an equivalent 6-bit
resolution.
CC mode:
CS2_Range/29
CC turbo mode:
CS2_Range/26
IOUT_OC_LV
CS2±
The ADC on this pin is averaged every 10.5 ms with 12-bit
accuracy for this fault. This information is compared with
the IOUT_OC_LV_FAULT_LIMIT to set the flag.
0xFE30[15:14]
CS2_Range/212
IOUT_OC_FAST
CS2±
An analog comparator on this pin provides this protection.
0xFE2D[1:0]
IOUT_OC_FAST_
FAULT_RESPONSE
IOUT_UC
CS2±
The ADC on this pin is averaged every 10.5 ms with 12-bit
accuracy for this fault. This information is compared with
IOUT_UC_FAULT_LIMIT to set the flag.
0xFE31[7:4]
IOUT_UC:
CS2_Range/212
IOUT_UC_FAULT_
RESPONSE
The ADC on this pin is averaged every 328 μs with 9-bit
accuracy for constant current mode. This information is
compared with the IOUT_UC_FAULT_LIMIT ± the threshold
set in Register 0xFE5D[2:0] to enter CC mode. For turbo
mode, the averaging is every 41 μs with an equivalent 6-bit
resolution.
CC mode:
CS2_Range/29
CC turbo mode:
CS2_Range/26
IOUT_UC_FAST
CS2±
An analog comparator on this pin provides this protection.
0xFE2E[0]
IOUT_UC_FAST_
FAULT_RESPONSE
IIN_OC
CS1
The ADC on this pin is averaged every 10.5 ms with 12-bit
accuracy for this fault. This information is compared with
the IOUT_OC_FAULT_LIMIT to set the flag.
0xFE31[11:8]
1.6/212
IIN_OC_FAULT_
RESPONSE
IIN_OC_FAST
CS1
An analog comparator on this pin provides this protection.
0xFE2C[1:0]
IIN_OC_FAST_
FAULT_RESPONSE
ISHARE
CS2±
When maximum limit to change output voltage is reached.
0xFE31[15:12]
ISHARE_FAULT_
RESPONSE
IOUT_OC_WARN
CS2±
Same as IOUT_OC.
N/A
CS2_Range/212
VIN_LOW
VFF
The ADC on this pin is averaged every 328 μs with 9-bit
accuracy for this fault. This information is compared with
the VIN_LOW to set the flag.
1.6/29
VIN_UV
VFF
The ADC on this pin is averaged every 328 μs with 9-bit
accuracy for this fault. This information is compared with
the VIN_UV_FAULT_LIMIT to set the flag.
0xFE30[13:11]
1.6/29
VIN_UV_FAULT_
RESPONSE
VIN_UV_WARN
VFF
Same as VIN_UV.
N/A
N/A
VIN_OV
VFF
The ADC on this pin is averaged every 328 μs with 9-bit
accuracy for this fault. This information is compared with
the VIN_OV_FAULT_LIMIT to set the flag.
0xFE30[7:4]
1.6/29
VIN_OV_FAULT_
RESPONSE
VIN_OV_WARN
VFF
Same as VIN_OV.
N/A
POUT_OP
N/A
The multiplication of VS and CS2 ADCs averaged every
2.6 ms with 11-bit accuracy for this fault. This information is
compared with the POUT_OP_FAULT_LIMIT to set the flag.
0xFE32[11:8]
POUT_OP_FAULT_
RESPONSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com