Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 56 of 140
DOWNLOADING EEPROM SETTINGS TO INTERNAL
REGISTERS
Download User Settings to Registers
The user settings are stored in Page 1 of the EEPROM main
block. These settings are downloaded from the EEPROM into
the registers under the following conditions:
On power-up. The user settings are automatically down-
loaded into the internal registers, powering the ADP1055
up in a state previously saved by the user.
On execution of the RESTORE_USER_ALL command
(Register 0x16). This command allows the user to force a
download of the user settings from Page 1 of the EEPROM
main block into the internal registers.
Download Factory Default Settings to Registers
The factory default settings are stored in Page 0 of the EEPROM
main block. The factory default settings can be downloaded from
the EEPROM into the internal registers using the RESTORE_
DEFAULT_ALL command (Register 0x12).
Note that when this command is executed, the key code and
EEPROM passwords are also reset to their default factory
settings of 0xFFFFFFFF and 0xFF, respectively.
SAVING REGISTER SETTINGS TO THE EEPROM
The register settings cannot be saved to the factory default set-
tings located in Page 0 of the EEPROM main block. This is to
prevent the user from accidentally overriding the factory trim
settings and default register settings.
Save Register Settings to User Settings
The register settings can be saved to the user settings located in
Page 1 of the EEPROM main block using the STORE_USER_ALL
command (Register 0x15). Before this command can be executed,
the EEPROM must first be unlocked for writing (see the Unlock
the EEPROM section).
After the register settings are saved to the user settings, any
subsequent power cycle automatically downloads the latest
stored user information from the EEPROM into the internal
registers.
Note that execution of the STORE_USER_ALL command auto-
matically performs a page erase to Page 1 of the EEPROM main
block, after which the register settings are stored in the EEPROM.
Therefore, it is important to wait at least 35 ms for the operation
to complete before executing the next I2C command.
EEPROM CRC CHECKSUM
As a simple method of checking that the values downloaded from
the EEPROM are consistent with the internal registers, a CRC
checksum is implemented.
When the data from the internal registers is saved to the
EEPROM (Page 1 of the main block), the total number of
1s from all the registers is counted and written into the
EEPROM as the last byte of information. This is called the
CRC checksum.
When the data is downloaded from the EEPROM into the
internal registers, a similar counter that sums all 1s from
the values loaded into the registers is saved. This value is
compared with the CRC checksum from the previous
upload operation.
If the values match, the download operation was successful. If
the values differ, the EEPROM download operation failed, and
the EEPROM CRC fault flag is set (Bit 4 of Register 0x7E).
To read the EEPROM CRC checksum value, execute the
EEPROM_CRC_CHKSUM command (Register 0xD1). This
command returns the CRC checksum accumulated in the
counter during the download operation.
Note that the CRC checksum is an 8-bit cyclical accumulator
that wraps around to 0 when 255 is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com