Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 19 of 140
CONTROL LOOP AND PWM OPERATION
VOLTAGE SENSE, FEEDBACK, AND CONTROL LOOP
The VS± pins are used for the monitoring and protection of the
remote load voltage. The differential VS± input pins are the main
feedback sense point for the power supply control loop. The VS±
sense point on the power rail requires an external resistor divider
to bring the nominal common-mode signal to 1 V at the VS± pins.
This resistor divider is programmed into VOUT_SCALE_LOOP
and VOUT_SCALE_MONITOR accordingly. The resistor divider
is necessary because the input range is 0 V to 1.6 V. The
divided-down signal is internally fed into a high frequency (HF)
ADC. The HF ADC is also the high frequency feedback loop for
the power supply.
OUTPUT VOLTAGE SENSE
The output voltage is fed back to the VS± pins, where it is com-
pared with a reference set by a 12-bit DAC (see Figure 22). The
difference is then fed into the flash ADC; in this configuration,
the flash ADC does not see the fraction of the output voltage set
by the resistor divider, but instead sees only the error voltage. The
error voltage is then fed into the digital filter, which decides the
duty cycle command for the next switching period. The number
of samples taken by the flash ADC can be configured in Register
0xFE67[7:4] (see Table 215). The recommended configuration
of this register is automatically configured using the GUI.
Figure 22. Output Voltage Sense and Feedback
The output voltage is also sampled using a low frequency ADC.
The output voltage is fed to a low-pass filter that is used to set the
output of a trim DAC; the trim DAC finely adjusts the output
voltage as part of the autocorrection loop (see the Voltage Loop
Autocorrection section).
DIGITAL FILTER
The loop response of the power supply can be changed using the
internal programmable digital filter. A Type 3 filter architecture
has been implemented. To tailor the loop response to the specific
application, the low frequency gain, zero location, pole location,
and high frequency gain can all be set individually (see the Digital
Filter Programming Registers section). It is recommended that
the Analog Devices, Inc., software GUI be used to program the
filter. The software GUI displays the filter response in Bode plot
format and can be used to calculate all stability criteria for the
power supply.
From the sensed voltage to the duty cycle, the transfer function
of the filter in z-domain is as follows:
 
 
ADD_PZ
z
A
z
B
HFG
C
z
LFG
D
H(z)
1
1
1
256
1
256
1
)
1
(
1
where:
A = filter pole register value (in decimal).
B = filter zero register value (in decimal).
C = high frequency gain register value (in decimal).
D = low frequency gain register value (in decimal).
LFG = 5.968 × m × 106/fSW.
HFG = 3.73× m × 105/fSW.
m = 1 when 48.8 kHz ≤ fSW < 97.7 kHz.
m = 2 when 97.7 kHz ≤ fSW < 195.3 kHz.
m = 4 when 195.3 kHz ≤ fSW < 390.6 kHz.
m = 8 when 390.6 kHz ≤ fSW.
ADD_PZ is an additional pole or additional zero that can be
added to the compensator.
The additional zero takes this form:
1
256
1
z
E
The additional pole takes this form:
1
256
1
1
z
E
where E is the value (in decimal) of the additional pole zero
frequency gain register (Register 0xFE60 and Register 0xFE61).
To transfer the z-domain value to the s-domain, plug the follow-
ing bilinear transformation equation into the H(z) equation:
s
f
s
f
z(s)
SW
SW
2
2
where fSW is the switching frequency.
The digital filter introduces an extra phase delay element into
the control loop. The digital filter circuit sends the duty cycle
information to the PWM circuit at the beginning of each switch-
ing cycle (unlike an analog controller, which makes decisions on
the duty cycle information continuously). Therefore, the extra
phase delay for phase margin, Φ, introduced by the filter block is
Φ = 360 × (fC/fSW)
where:
fC is the crossover frequency.
fSW is the switching frequency.
At one-tenth the switching frequency, the phase delay is 36°. For
double update rate, the phase delay is reduced to 18°. The GUI
LPF
TRIM
DAC
LF
ADC
HF
ADC
50mV
+
–
DAC
VS ADC (12 BITS)
VOUT_OV_LIMIT
VOUT_UV_LIMIT
DPWM
REF
ADP1055
VOUT
VS+
VS–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com