Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 92 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 92 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 92Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 93Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 96Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 92 of 140
Table 154. Register 0xFE29—FFWD_SETTING (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[7:4]
Reserved
R/W
Reserved.
3
Disable feedforward
during soft start
R/W
If voltage line feedforward is enabled, this bit disables it during the soft start process. This
operation is gated by the filter GO bit (Register 0xFE00).
0 = feedforward enabled during soft start (recommended setting).
1 = feedforward disabled during soft start.
2
Feedforward enable
R/W
This bit enables the voltage line feedforward loop. This operation is gated by the filter GO bit
(Register 0xFE00]).
0 = feedforward disabled.
1 = feedforward enabled.
1
LF 8× gain increase
R/W
0 = default.
1 = 8× LF gain.
0
Global bit for nonlinear
gain
R/W
0 = 1×/1.25×/1.5×/2× gain.
1 = 1×/2×/3×/4× gain.
Table 155. Register 0xFE2A—ISHARE_SETTING
Bits
Bit Name
R/W
Description
[7:4]
Number of bits
dropped by master
R/W
These bits determine how much a master device reduces its output voltage to maintain current
sharing. Each LSB corresponds to 1.6 V/216 = 24 μV (at the VS± pins). This LSB is multiplied or
divided by the setting in the share bus bandwidth register.
[3:0]
Bit difference between
master and slave
R/W
These bits determine how closely a slave tries to match the current of the master device. The
higher the setting, the larger the voltage difference that satisfies the current sharing criteria.
Table 156. Register 0xFE2B—ISHARE_BANDWIDTH
Bits
Bit Name
R/W
Description
[7:5]
Reserved
R
Reserved.
4
Bitstream
R/W
1 = the current sense ADC reading is output on the ISHARE pin. This bit stream can be used for
analog current sharing. (recommended setting for standalone power supplies).
0 = the digital share bus signal is output on the ISHARE pin. This signal can be used for digital
current sharing.
3
Current share select
R/W
1 = CS1 reading used for current share.
0 = CS2 reading used for current share.
[2:0]
Share bus bandwidth
R/W
These bits determine the amount of bandwidth dedicated to the share bus. The value 000 is the
lowest possible bandwidth, and the value 111 is the highest possible bandwidth.
The slave moves up 1 LSB for every share bus transaction (that is, eight data bits plus the start
and stop bits). The master moves down x LSBs per share bus transaction, where x is the share
bus register setting (Register 0xFE2A[7:4]).
0 = divide LSB by 16 (1 LSB = 24 μV/16).
1 = divide LSB by 8.
2 = divide LSB by 4.
3 = divide LSB by 2.
4 = nominal.
5 = multiply LSB by 2.
6 = multiply LSB by 4.
7 = multiply LSB by 8.
8 = multiply LSB by 16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com