Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 62Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 63Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 64Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 65Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 66Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 63 of 140
RESTORE_DEFAULT_ALL
Table 18. Register 0x12—RESTORE_DEFAULT_ALL
Bits
Bit Name
Type
Description
N/A
RESTORE_DEFAULT_ALL
Send
This command downloads the factory default settings from the EEPROM into operating
memory. It also resets the EEPROM password and the key code to their default values.
STORE_USER_ALL
Table 19. Register 0x15—STORE_USER_ALL
Bits
Bit Name
Type
Description
N/A
STORE_USER_ALL
Send
This command copies the entire contents of operating memory into the EEPROM (Page 1 of
the main block) as the user settings.
RESTORE_USER_ALL
Table 20. Register 0x16—RESTORE_USER_ALL
Bits
Bit Name
Type
Description
N/A
RESTORE_USER_ALL
Send
This command downloads the stored user settings from EEPROM into operating memory.
CAPABILITY
This command allows host systems to determine the capabilities of the PMBus device (default value is 0xB0).
Table 21. Register 0x19—CAPABILITY
Bits
Bit Name
R/W
Description
7
Packet error checking
R
Checks packet error capability of the device.
1 = supported.
[6:5]
Maximum bus speed
R
Checks the PMBus speed capability of the device.
01 = maximum bus speed is 400 kHz.
4
SMBALRT
R
Checks support for the SMBALRT pin and the SMBus Alert Response Address Protocol.
1 = supported.
[3:0]
Reserved
R
Reserved.
SMBALERT_MASK
Table 22. Register 0x1B—SMBALERT_MASK
Bits
Bit Name
R/W
Description
[15:8]
STATUS_x command code
W
Command code of the STATUS_x mask register to update.
[7:0]
Mask byte
W
Update mask register with this value.
VOUT_MODE
The VOUT_MODE command sets the data format for output voltage related data. The data byte for the VOUT_MODE command consists
of a 3-bit mode and 5-bit exponent parameter. The 3-bit mode determines whether the device uses linear format or direct format for the
output voltage related commands. The 5-bit parameter sets the exponent value for linear format. VOUT_MODE[7:5] must be equal to 000.
Table 23. Register 0x20—VOUT_MODE
Bits
Bit Name
R/W
Description
[7:5]
Mode
R
Returns the output voltage data format. The value is fixed at 000, which means that only
linear data format is supported.
[4:0]
Exponent-N
R/W
Twos complement N exponent used in the output voltage related commands in linear data
format (V = Y × 2N).
VOUT_COMMAND
The VOUT_COMMAND command sets the output voltage. Exponent N is set using VOUT_MODE[4:0]. Bits[7:5] must be equal to 000.
Table 24. Register 0x21—VOUT_COMMAND (Requires Use of the GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:0]
Mantissa-Y
R/W
16-bit unsigned integer Y value for linear data format (V = Y × 2N). N is defined using VOUT_MODE[4:0].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com