Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 6 of 140
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
ADC Update Rate
Registers are updated at this rate,
equivalent resolution of 12 bits
10.5
ms
Measurement Accuracy
Factory trimmed at 1.0 V
0% to 100% of usable input voltage range
−2.75
+2.75
% FSR
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
900 mV to 1.1 V
−1.75
+1.75
% FSR
Temperature Coefficient
VDD = 3.3 V, VS± = 1.0 V
110
ppm/°C
Leakage Current
1.0
μA
Common-Mode Voltage Offset
Error
Maximum voltage differential from VS−
to AGND of ±200 mV
−0.25
+0.25
% FSR
VS OVP DIGITAL COMPARATOR
VS OVP Accuracy
−2.0
+2.0
% FSR
VS OVP Comparator Speed
Register 0xFE4D[3:2] = 00, equivalent
resolution of 7 bits
82
μs
VS UVP DIGITAL COMPARATOR
VS UVP Accuracy
−2.0
+2.0
% FSR
Propagation Delay
Does not include debounce time
(Register 0xFE30[13:11] = 00)
80
μs
VS HIGH SPEED ADC
Sampling Frequency
10
MHz
Equivalent Resolution
6
Bits
Dynamic Range
±50
mV
FAST OVP COMPARATOR (OVP PIN)
Threshold Accuracy
Factory trimmed at 1.206 V
−1.2
0
+1.5
%
Other thresholds (0.8 V to 1.6 V)
−2.0
+2.0
%
Propagation Delay (Latency)
Register 0xFE2F[1:0] = 00
40
80
ns
CURRENT SENSE 1 (CS1 PIN)
Input Voltage Range
VIN
0
1
1.6
V
Usable Input Voltage Range
0
1.56
V
ADC Clock Frequency
1.56
MHz
Update Rate
Registers are updated at this rate,
equivalent resolution of 12 bits
10.5
ms
Current Sense Measurement
Accuracy
Factory trimmed at 1.0 V; tested under dc
input conditions
10% to 60% of usable input voltage range
−1.5
+1.5
% FSR
10% to 90% of usable input voltage range
−2.0
+2.0
% FSR
0% to 100% of usable input voltage range
−2.5
+2.5
% FSR
Current Sense Measurement
12
Bits
CS1 Fast OCP Threshold
Register 0xFE2C[2] = 0
1.17
1.2
1.23
V
Register 0xFE2C[2] = 1
242
250
258
mV
CS1 Fast OCP Speed
40
80
ns
CS1 Accurate OCP Speed
10.5
ms
Leakage Current
1.5
μA
CURRENT SENSE 2 (CS2+, CS2−
PINS)
Current Sense Measurement
Resolution
For updating registers (constant current
mode enabled or disabled)
12
Bits
ADC Clock Frequency
1.56
MHz
30 mV Range1
Register 0xFE4F[1:0] = 00
0
30
mV
Usable Input Range
0
21
mV
60 mV Range1
Register 0xFE4F[1:0] = 01
0
60
mV
Usable Input Range
0
45
mV
480 mV Range1
Register 0xFE4F[1] = 10
0
480
mV
Usable Input Range
0
414
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com