Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 58 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 59Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 60Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 61Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 58 of 140
STANDARD PMBUS COMMANDS SUPPORTED BY THE ADP1055
Table 12 lists the standard PMBus commands that are implemented on the ADP1055. Many of these commands are implemented in
registers, which share the same hexadecimal value as the PMBus command code. All commands are maskable with the exceptions noted
in Table 12.
Table 12. PMBus Command List
Command Code
Command Name
0x01
OPERATION
0x02
ON_OFF_CONFIG
0x03
CLEAR_FAULTS
0x10
WRITE_PROTECT
0x12
RESTORE_DEFAULT_ALL
0x15
STORE_USER_ALL1
0x16
RESTORE_USER_ALL1
0x19
CAPABILITY
0x1B
SMBALERT_MASK
0x20
VOUT_MODE
0x21
VOUT_COMMAND
0x22
VOUT_TRIM
0x23
VOUT_CAL_OFFSET
0x24
VOUT_MAX
0x27
VOUT_TRANSITION_RATE
0x28
VOUT_DROOP
0x29
VOUT_SCALE_LOOP
0x2A
VOUT_SCALE_MONITOR
0x33
FREQUENCY_SWITCH
0x35
VIN_ON
0x36
VIN_OFF
0x37
INTERLEAVE
0x38
IOUT_CAL_GAIN
0x39
IOUT_CAL_OFFSET
0x40
VOUT_OV_FAULT_LIMIT
0x41
VOUT_OV_FAULT_RESPONSE
0x42
VOUT_OV_WARN_LIMIT
0x43
VOUT_UV_WARN_LIMIT
0x44
VOUT_UV_FAULT_LIMIT
0x45
VOUT_UV_FAULT_RESPONSE
0x46
IOUT_OC_FAULT_LIMIT
0x47
IOUT_OC_FAULT_RESPONSE
0x48
IOUT_OC_LV_FAULT_LIMIT
0x49
IOUT_OC_LV_FAULT_RESPONSE
0x4A
IOUT_OC_WARN_LIMIT
0x4B
IOUT_UC_FAULT_LIMIT
0x4C
IOUT_UC_FAULT_RESPONSE
0x4F
OT_FAULT_LIMIT
0x50
OT_FAULT_RESPONSE
0x51
OT_WARN_LIMIT
0x55
VIN_OV_FAULT_LIMIT
0x56
VIN_OV_FAULT_RESPONSE
0x59
VIN_UV_FAULT_LIMIT
0x5A
VIN_UV_FAULT_RESPONSE
0x5B
IIN_OC_FAULT_LIMIT
0x5C
IIN_OC_FAULT_RESPONSE
0x5E
POWER_GOOD_ON
Command Code
Command Name
0x5F
POWER_GOOD_OFF
0x60
TON_DELAY
0x61
TON_RISE
0x62
TON_MAX_FAULT_LIMIT
0x63
TON_MAX_FAULT_RESPONSE
0x64
TOFF_DELAY
0x65
TOFF_FALL
0x66
TOFF_MAX_WARN_LIMIT
0x68
POUT_OP_FAULT_LIMIT
0x69
POUT_OP_FAULT_RESPONSE
0x78
STATUS_BYTE
0x79
STATUS_WORD
0x7A
STATUS_VOUT
0x7B
STATUS_IOUT
0x7C
STATUS_INPUT
0x7D
STATUS_TEMPERATURE
0x7E
STATUS_CML
0x7F
STATUS_OTHER
0x80
STATUS_MFR_SPECIFIC
0x88
READ_VIN
0x89
READ_IIN
0x8B
READ_VOUT
0x8C
READ_IOUT
0x8D
Reserved
0x8E
READ_TEMPERATURE_2
0x8F
READ_TEMPERATURE_3
0x94
READ_DUTY_CYCLE
0x95
READ_FREQUENCY
0x96
READ_POUT
0x98
PMBUS_REVISION
0x99
MFR_ID
0x9A
MFR_MODEL
0x9B
MFR_REVISION
0x9C
MFR_LOCATION
0x9D
MFR_DATE
0x9E
MFR_SERIAL
0xAD
IC_DEVICE_ID
0xAE
IC_DEVICE_REV
0xB0
EEPROM_PAGE_00
0xB1
EEPROM_PAGE_01
0xB2
EEPROM_PAGE_02
0xB3
EEPROM_PAGE_03
0xB4
EEPROM_PAGE_04
0xB5
EEPROM_PAGE_05
0xB6
EEPROM_PAGE_06
0xB7
EEPROM_PAGE_07
0xB8
EEPROM_PAGE_08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com