Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 55 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 57Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 58Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 55 of 140
3.
Read three bytes from Page 6.
Note that the block read command can read a maximum of
255 bytes for any single transaction.
WRITE OPERATION (BYTE WRITE AND BLOCK
WRITE)
Write to Main Block, Page 0 and Page 5
Page 0 and Page 1 of the main block are reserved for storing the
default settings and user settings, respectively. Page 2 through
Page 5 of the main block are reserved for storing the black box
information, GUI settings, and factory tracking information. The
user cannot perform a direct write operation to any page from
Page 0 to Page 5 using the EEPROM_PAGE_00 to EEPROM_
PAGE_05 commands. A user write to these pages returns a no
acknowledge. To program the register contents of Page 1 of the
main block, it is recommended that the STORE_USER_ALL
command be used (Register 0x15). See the Save Register
Settings to User Settings section.
Write to Main Block, Page 6 to Page 15
Before performing a write to Page 6 through Page 15 of the
main block, the user must first unlock the EEPROM (see the
Unlock the EEPROM section).
Data in Page 6 to Page 15 of the EEPROM main block can be
programmed (written to) one byte at a time or in multiple bytes
in series using the EEPROM_PAGE_xx commands (Register 0xB6
to Register 0xBF). Before executing this command, the user can
program the offset from the page boundary where the first byte
is written using the EEPROM_ADDR_OFFSET command
(Register 0xD3).
If the targeted page has not yet been erased, the user can erase
the page as described in the Page Erase Operation section.
In the following example, four bytes are written to Page 9,
starting from the 256th byte of that page.
1.
Set address offset = 256.
2.
Write four bytes to Page 9.
Note that the block write command can write a maximum of
255 bytes for any single transaction.
EEPROM PASSWORD
On power-up, the EEPROM is locked and protected from
accidental writes or erases. Only reads from Page 6 to Page 15 of
the main block are allowed when the EEPROM is locked. Before
any data can be written (programmed) to the EEPROM, the
EEPROM must be unlocked for write access. After it is unlocked,
the EEPROM is opened for reading, writing, and erasing.
Unlock the EEPROM
To unlock the EEPROM, perform two consecutive writes with
the correct password (default = 0xFF) using the EEPROM_
PASSWORD command (Register 0xD5). The EEPROM_
UNLOCKED flag (Register 0xFE93, Bit 15) is set to indicate
that the EEPROM is unlocked for write access.
Lock the EEPROM
To lock the EEPROM, write any byte other than the correct
password using the EEPROM_PASSWORD command (Register
0xD5). The EEPROM_UNLOCKED flag (Register 0xFE93,
Bit 15) is cleared to indicate that the EEPROM is locked from
write access.
Change the EEPROM Password
To change the EEPROM password, follow these steps:
1.
Enter the correct 32-bit key code using the KEY_CODE
command (Register 0xD7).
2.
Write the old password using the EEPROM_PASSWORD
command (Register 0xD5).
3.
Immediately write the new password using the EEPROM_
PASSWORD command (Register 0xD5).
The password is now changed to the new password. Save the new
password to the user settings by executing the STORE_USER_ALL
command (Register 0x15).
S
7-BIT
SLAVE
ADDRESS
7-BIT
SLAVE
ADDRESS
W
A
A
R
A
0xB6
Sr
BYTE
COUNT = 0x03
DATA
BYTE 3
A
A
NA
P
DATA
BYTE 1
...
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
W A
A
0x00
AA P
0xD3
0x01
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER
S
7-BIT
SLAVE
ADDRESS
BYTE
COUNT = 4
W
A
A
A
0xB9
DATA BYTE 1
DATA BYTE 4
A
A
P
...
= MASTER-TO-SLAVE
= SLAVE-TO-MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com