Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 52 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 52 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 52Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 53Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 54Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 55Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 56Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 52 of 140
DATA CONTENT FAULTS
Data content faults occur when data transmission is successful,
but the PMBus slave device cannot process the data that is
received from the master device.
Improperly Set Read Bit in the Address Byte (Item 10.9.1)
All PMBus commands start with a slave address with the R/W
bit cleared to 0, followed by the command code. The only
exception is the transmission of the SMBus alert response
address (0001 to 100x). If a host starts a PMBus transaction
with R/W set in the address phase (equivalent to an I2C read),
the PMBus slave considers this a data content fault and
responds as follows:
Send an acknowledge (ACK) for the address byte.
Send a no acknowledge (NACK) for the command and
data bytes.
Send all 1s (0xFF) as long as the host continues to request
data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the Other bit (Bit 1) in the STATUS_CML register.
Notify the host through SMBALRT, if enabled.
Invalid or Unsupported Command Code (Item 10.9.2)
If an invalid or unsupported command code is sent to the
PMBus slave, the code is considered to be a data content fault,
and the PMBus slave responds as follows:
Send a no acknowledge (NACK) for the illegal/
unsupported command byte and data bytes.
Flush and ignore the received command and data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the invalid/unsupported command bit (Bit 7) in the
STATUS_CML register.
Notify the host through SMBALRT, if enabled.
Invalid or Unsupported Data (Item 10.9.3)
If invalid or unsupported data is sent to the PMBus slave (for
certain commands), the PMBus slave considers this to be a data
content fault and responds as follows:
Send an acknowledge (ACK) for the unsupported data
bytes (cannot send a no acknowledge (NACK) for the data
because the decoding happens only after the data is
acknowledged and sent to the decoding unit).
Flush and ignore the received command and data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the invalid/unsupported data received bit (Bit 6) in the
STATUS_CML register.
Notify the host through SMBALRT, if enabled.
Data Out of Range Fault (Item 10.9.4)
Data sent to the PMBus slave that is out of range is treated as a
data content fault. See the Invalid or Unsupported Data (Item
10.9.3) section for the actions taken by the PMBus device.
Reserved Bits (Item 10.9.5)
Accesses to reserved bits are not a fault. Writes to reserved bits
are ignored, and reads from reserved bits return 0s.
Write to Read-Only Commands
If a host performs a write to a read-only command, the PMBus
slave considers this a data content fault and responds as follows:
Send a no acknowledge (NACK) for all unexpected data
bytes as they are received.
Flush and ignore the received command and data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the invalid/unsupported data received bit (Bit 6) in the
STATUS_CML register.
Notify the host through SMBALRT, if enabled.
Note that this is the same error described in the Host Sends Too
Many Bytes (Item 10.8.5) section.
Read from Write-Only Commands
If a host performs a read from a write-only command, the PMBus
slave considers this a data content fault and responds as follows:
Send all 1s (0xFF) as long as the host continues to request
data.
Set the CML bit (Bit 1) in the STATUS_BYTE register.
Set the Other bit (Bit 1) in the STATUS_CML register.
Note that this is the same error described in the Host Reads Too
Many Bytes (Item 10.8.6) section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com