Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 38 of 140
DUTY BALANCE, VOLT-SECOND BALANCE, AND
FLUX BALANCING
For power topologies that use the first and third quadrant of the
BH curve, it is recommended that duty balance be enabled
when using double update rate. Due to the nature of double
update rate, it is possible that the average magnetizing current
(and therefore the flux density of the transformer core) is not
zero, but is equal to some positive or negative dc level. To prevent
flux walking and an imbalance in the transformer, a combination
of the duty balance and volt-second balance features can be used.
In interleaved topologies, the volt-second balance feature can also
be used for current balancing to ensure that each interleaved
phase contributes equal power.
For example, if a full bridge topology requires the diagonal edges of
the H bridge to be equalized, the algorithm for duty balance
averages the duty cycle over several switching cycles. Duty balance
is a purely digital correction that is applied to the PWM edges
based on past duty cycles and does not take into account any
feedback from an ADC, as is the case for volt-second balance.
Duty balance is enabled by setting Register 0xFE57[7] = 1; the
speed at which the duty cycle is balanced is controlled by setting
Register 0xFE57[5:4]. Additionally, the extent to which duty cycle
correction (maximum of ±160 ns for duty balance and volt-second
balance each) can take place is specified using Register 0xFE57[2:1].
Volt-second balance uses a sample-and-hold circuit (patent
pending) that samples the peak current during both halves of
the switching period. This feature is configured using Register
0xFE56. The recommended settings for using the volt-second
balance feature are as follows.
1.
Use Register 0xFE56 to set the positive and negative edges.
Bits[7:4] set the positive period of integration, and Bits[3:0]
set the negative period of integration. The edges are
logically AND’ed together.
Typically, the diagonal edges of the H bridge are balanced.
For example, in a full bridge topology, a setting of 10010110
for Register 0xFE56 causes the device to sample the peak
current at the end of the logical AND of OUTA and OUTD
(Peak 1) and the logical AND of OUTB and OUTC (Peak 2).
If Peak 1 > Peak 2, the result is positive and the duty cycle
of the selected edges is reduced. If Peak 2 > Peak 1, the result is
negative and the duty cycle of the selected edges is increased.
2.
Apply edge correction. Using the same example, negative edge
correction is applied to OUTA and OUTD, whereas positive
edge correction is applied to OUTB and OUTC. Appropriate
edge correction is applied to the SR outputs as well.
3.
Enable volt-second balance by setting Register 0xFE25[6] = 1.
This setting is gated by a GO command (Register 0xFE00).
Volt-second balance is automatically disabled when the
voltage on the CS1 pin is below 25 mV.
Figure 64. Volt-Second Balance with Register 0xFE56 = 0x96
Figure 65. Volt-Second Balance with Register 0xFE56 = 0x69
Figure 66. Simplified Internal Structure of the Volt-Second Balance Circuit
VS BALANCE
ALGORITHM
SAMPLE
AND HOLD
WITH RESET
VS BALANCE
EDGE SELECT
REGISTERS
PWM
VIN
VOUT
SR1
SR2
OUTA
OUTB
OUTC
OUTD
CS1
INPUT
ADP1055



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com