Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 32 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 32 of 140
AVERAGE CONSTANT CURRENT MODE
The ADP1055 supports constant current (CC) mode. The
constant current mode threshold is set in one of two ways:
Using the PMBus definition of CC mode (Register
0xFE4F[2] = 0)
Using the manufacturer specific CC mode (Register
0xFE4F[2] = 1)
In both modes, the constant current limit can be set as a
percentage of the IOUT_OC_FAULT_LIMIT—for example,
±3.125%, ±6.25%, ±12.5%, ±25%, ±50%, or ±100%—using
Register 0xFE5D[3:0].
In the PMBus definition of CC mode, the constant current
mode is activated on a IOUT_OC_FAULT fault, and the load
current is limited to the CC limit, as specified in Register
0xFE5D[3:0]. Only positive percentages are applicable when the
PMBus definition of CC mode is used. The fault responses to
IOUT_OC_FAULT in this case are defined as per the PMBus
format. The system enters CC mode on detection of the CS2
current (~2.6 ms, 12-bit averaging of CS2 ADC). Any further
changes in the current while the device is in CC mode take
place according to the averaging speed selectable in Register
0xFE4F[7]. For CC mode to work properly using the PMBus
faults, the IOUT_OC_FAULT debounce must be set to 0 ms.
In the manufacturer specific CC mode, the CC limit is exactly
the limit that is programmed, and there is no need to trip the
IOUT_OC_FAULT before entering CC mode. Fault responses
to IOUT_OC_FAULT in this case are to ignore the fault or to
shut down the device in response to the fault (Register 0x47[7:6] =
11). Other settings programmed in the response section (for
example, Register 0x47[7:6] = 00, 01, or 10) are ignored.
Below the IOUT_OC_FAULT_LIMIT threshold, the ADP1055
operates in constant voltage mode, using the output voltage as
the feedback signal for closed-loop operation.
When the ADP1055 crosses the constant current mode threshold,
the CS2 current reading is used to control the output voltage
regulation point. The output voltage is ramped down linearly as
the load increases to ensure that the load current remains
constant.
Figure 51. Typical Characteristics in Constant Current (CC) Mode
The constant current control loop has relatively low bandwidth
because the current is averaged over a 328 μs period (9-bit
decimation of the CS2 bit stream). The output voltage changes
at a maximum rate of 1.18 V/sec at the VS± pins; therefore, the
instantaneous value of the current can exceed the constant
current limit for a very short period of time, depending on the
severity of the transient condition.
For a faster dynamic response of the constant current mode, the
turbo mode can be used. In turbo mode, the averaging time can
be decreased to a period of ~41 μs (6-bit decimation of the CS2
bit stream). In turbo mode, the slew rate of the output voltage
can be programmed using Register 0xFE5D[5:4].
As the output voltage is reduced to maintain a constant load
current, xxx_FAULT_RESPONSE (for example, Register
0x47[7:6] = 01) can be used to program a fault response when
the output voltage falls below a specific threshold set by
IOUT_OC_LV_LIMIT (Register 0x48).
It is important to note that although constant current mode can
be applied to any current fault (input or output current) according
to the PMBus specification, the ADP1055 applies the constant
current mode only to maintain a constant output current. For
example, if the IOUT_UC_FAULT is programmed to enter
constant current mode, the ADP1055 does not boost the output
voltage to maintain the current level set by IOUT_UC_LIMIT.
Using the manufacturer specific fault response for constant
current mode, the system can be forced into constant current
mode at a specific threshold, and if this threshold persists for a
specified amount of time (based on the debounce time), the
IOUT_OC_FAULT is tripped (see Figure 52).
Figure 52. Constant Current with Hiccup
32-BIT KEY CODE
The ADP1055 supports a 32-bit password (key code) in
addition to the EEPROM password set by Register 0xD5. This
32-bit key code enables another level of protection for the user
and the manufacturer to limit access to certain commands and
operations.
VOUT
IOUT
(0,0)
IOUT_OC_FAULT_LIMIT
VOUT NOMINAL
IOUT_OC_FAST
CC LIMIT
IOUT_OC_FAULT_LIMIT
TIME
IOUT NOMINAL
IOUT_OC_
DEBOUNCE
STARTS
IOUT_OC_
DEBOUNCE
STARTS
CONVERTER
STARTS
AFTER RETRY
ATTEMPT
IOUT_OC_DEBOUNCE
ENDS AND FAULT TRIPS
HICCUP
IOUT_OC_
DEBOUNCE
STARTS
DEPENDENT ON SLEW RATE
AND CC TURBO MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com