Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 27 of 140
Thresholds and limits can be set for CS2 using these PMBus
commands: IOUT_OC_FAULT_LIMIT (Register 0x46) and
IOUT_OC_WARN_LIMIT (Register 0x4A). The fault response
is programmable in Register 0x47.
SECONDARY FAST OVERCURRENT PROTECTION
The input signal on the CS2± pins is also fed into two comparators
for fast OCP protection. The fast OCP comparator is used to
limit the instantaneous secondary current in either the positive
or the negative direction. The CS2 OCP comparator also features a
programmable timeout condition (set in Register 0xFE4F[6:4]),
which specifies that the CS2 fast OCP condition must be present in
consecutive switching cycles before the IOUT_OC_FAST_FAULT
flag is set.
When the CS2 fast OCP comparator is used to sense the output
inductor current instead of the load current (see Figure 1), the
comparator can be used for cycle-by-cycle peak current limiting
of the inductor current. Cycle-by-cycle peak current limiting is
executed by the termination of the PWM outputs (OUTA to
OUTD) to disable power transfer to the secondary side. In an
isolated buck derived topology, the inductor current during the
on time of the primary switch is a fraction of the inductor current;
this feature can be used when the CS1 pin is not used. The CS2
fast OCP threshold can be set in steps of 9.52 mV for the 480 mV
CS2 ADC range and in steps of 0.952 mV for the 30 mV and
60 mV CS2 ADC ranges using Register 0xFE2D.
SECONDARY FAST REVERSE CURRENT PROTECTION
A programmable comparator is used to detect reverse current.
The comparator can also be used for diode emulation mode to
improve light load efficiency. The IOUT_UC_FAST fault is set
when the CS2 reverse comparator is asserted. After it is set, the
IOUT_UC_FAST fault is cleared between 328 μs and 656 μs
after the deassertion of the CS2 reverse comparator.
For all three CS2 ADC ranges (30 mV, 60 mV, and 480 mV), the
threshold is programmed in Register 0xFE2E[7:2], and the
debounce is programmed in Register 0xFE2E[1:0].
The operation of diode emulation mode depends on the accurate
sensing of the zero crossing of the inductor current, which in
turn is dependent on proper sensing of the inductor current
through the sense resistor. The accuracy of the fast reverse current
protection is heavily dependent on the sensing of the inductor
current; proper layout techniques (Kelvin sensing) must be
followed.
The fast reverse current comparator range is extended to a
positive range (0 mV to 30 mV) in addition to the negative
range (−30 mV to 0 mV). With this dual range, an accurate
sensing of the zero crossing can be tweaked and trimmed to
turn off the synchronous rectifiers at exactly the zero crossing
of the inductor current by compensating for the gate driver
delay and layout inadequacies and by ensuring that there is no
excessive voltage stress or voltage spike across the devices.
FEEDFORWARD AND INPUT VOLTAGE SENSE
The ADP1055 supports voltage line feedforward control to
improve line transient performance.
The feedforward scheme modifies the modulation value based
on the VFF voltage. When the VFF input is 1 V, the line feed-
forward has no effect. For example, if the digital filter output
remains unchanged and the VFF voltage changes to 50% of its
original value (but still higher than 0.5 V), the modulation of the
falling edges of OUTA to OUTD doubles (see Figure 35). The
voltage line feedforward function is optional and is program-
mable using Register 0xFE29 and Register 0xFECD[2:0]. It is
recommended that feedforward be enabled during soft start.
The VFF voltage must be set to 1 V when the nominal input
voltage is applied. The voltage at the VFF pin is sampled synchro-
nously with the switching period and, therefore, the decision to
modify the PWM outputs based on input voltage is performed at
this rate. Typically, the feedforward block can detect and respond
to a 3% change in input voltage and make a change to the PWM
outputs approximately every 1 μs.
To prevent false triggering of the feedforward block due to
noise/voltage spikes on the VFF pin that are carried from the
switch node, a small filter capacitor may be needed. The filter
capacitor should not be too large, and the time constant should
typically be much less than 1 μs. An additional ADC connected
to the VFF pin is used to report the ADC value and therefore,
the input value, using the resistive dividers. The primary input
voltage can be calculated by multiplying Vx by the turns ratio
(N1/N2), as follows:
VPRIMARY = Vx × (R1 + R2)/R2 × (N1/N2)
For fault comparison, the input voltage is monitored using the
VFF ADC, and the 9 MSBs (VFF_VALUE, Register 0xFE96[13:2])
are converted into PMBus format and compared to the threshold
to make a fault decision. Fault limits and their responses can be
set using PMBus commands such as VIN_UV_FAULT_LIMIT
(Register 0x59), VIN_OV_FAULT_LIMIT (Register 0x55),
VIN_UV_FAULT_RESPONSE (Register 0x5A), and
VIN_OV_FAULT_RESPONSE (Register 0x56).
Figure 35. Feedforward Control on Modulation
VFF
DIGITAL
FILTER
OUTPUT
OUTx
tMODULATION
tS
tS
tMODULATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com