Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 98 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 98 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 94Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 95Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 96Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 97Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 98Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 99Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 100Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 101Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 98 of 140
Bits
Bit Name
R/W
Description
[7:4]
TON_MAX_DEB
R/W
These bits set the debounce time for the TON_MAX fault.
Bit 7
Bit 6
Bit 5
Bit 4
Debounce
0
0
0
0
0
0
0
0
1
100 μs + 1 μs
0
0
1
0
250 μs + 1 μs
0
0
1
1
500 μs + 1 μs
0
1
0
0
750 μs + 10 μs
0
1
0
1
1 ms + 10 μs
0
1
1
0
2.5 ms + 10 μs
0
1
1
1
5 ms + 10 μs
1
0
0
0
7.5 ms + 100 μs
1
0
0
1
10 ms + 100 μs
1
0
1
0
25 ms + 100 μs
1
0
1
1
50 ms + 100 μs
1
1
0
0
75 ms + 1 ms
1
1
0
1
100 ms + 1 ms
1
1
1
0
250 ms + 1 ms
1
1
1
1
500 ms + 1 ms
[3:0]
OT_DEB
R/W
These bits set the debounce time for the overtemperature fault.
Bit 3
Bit 2
Bit 1
Bit 0
Debounce
0
0
0
0
0
0
0
0
1
1 ms + 10 μs
0
0
1
0
2.5 ms + 10 μs
0
0
1
1
5 ms + 10 μs
0
1
0
0
7.5 ms + 100 μs
0
1
0
1
10 ms + 100 μs
0
1
1
0
25 ms + 100 μs
0
1
1
1
50 ms + 100 μs
1
0
0
0
75 ms + 1 ms
1
0
0
1
100 ms + 1 ms
1
0
1
0
250 ms + 1 ms
1
0
1
1
500 ms + 1 ms
1
1
0
0
750 ms + 10 ms
1
1
0
1
1 sec + 10 ms
1
1
1
0
2.5 sec + 10 ms
1
1
1
1
5 sec + 10 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com