Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 78 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 78 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 78 of 140
STATUS_INPUT
The STATUS_INPUT register returns the status of the input. A value of 1 in this command indicates that a fault has occurred.
Table 75. Register 0x7C—STATUS_INPUT
Bits
Bit Name
R/W
Description
7
VIN_OV_FAULT
R/W
An input overvoltage fault has occurred.
6
VIN_OV_WARN
R
Not supported.
5
VIN_UV_WARN
R
Not supported.
4
VIN_UV_FAULT
R/W
An input undervoltage fault has occurred.
3
VIN_LOW
R/W
The device is off due to insufficient input voltage; that is, the input voltage is below the turn-off threshold.
2
IIN_OC_FAULT
R/W
An input overcurrent fault has occurred.
1
IIN_OC_WARN
R
Not supported.
0
PIN_OP_WARN
R
Not supported.
STATUS_TEMPERATURE
The STATUS_TEMPERATURE register returns temperature status. A value of 1 in this command indicates that a fault has occurred.
Table 76. Register 0x7D—STATUS_TEMPERATURE
Bits
Bit Name
R/W
Description
7
OT_FAULT
R/W
An overtemperature fault has occurred.
6
OT_WARN
R/W
An overtemperature warning has occurred.
5
UT_WARN
R
Not supported.
4
UT_FAULT
R
Not supported.
[3:0]
Reserved
R
Reserved.
STATUS_CML
The STATUS_CML register returns communications, memory, and logic (CML) status. A value of 1 in this command indicates that a
fault has occurred.
Table 77. Register 0x7E—STATUS_CML
Bits
Bit Name
R/W
Description
7
CMD_ERR
R/W
Invalid or unsupported command received.
6
DATA_ERR
R/W
Invalid or unsupported data received.
5
PEC_ERR
R/W
Packet error check failed.
4
CRC_ERR
R/W
Memory fault detected (for example, a CRC error).
3
PROC_ERR
R
Not supported.
2
Reserved
R
Reserved.
1
COMM_ERR
R/W
Other communication fault not specified by Bits[7:2].
0
MEM_ERR
R/W
Other memory or logic fault not specified by Bits[7:2]. This bit is set if the black box record number
has been reached (Register 0xFE48[2]).
STATUS_MFR_SPECIFIC
The STATUS_MFR_SPECIFIC register returns the status of manufacturer specific faults. A value of 1 in this command indicates that a
fault has occurred.
Table 78. Register 0x80—STATUS_MFR_SPECIFIC
Bits
Bit Name
R/W
Description
7
GPIO4_FAULT
R/W
GPIO4 fault received.
6
GPIO3_FAULT
R/W
GPIO3 fault received.
5
GPIO2_FAULT
R/W
GPIO2 fault received.
4
GPIO1_FAULT
R/W
GPIO1 fault received.
3
IIN_OC_FAST_FAULT
R/W
Fast input overcurrent fault received.
2
IOUT_UC_FAST_FAULT
R/W
Fast output reverse current fault received.
1
IOUT_OC_FAST_FAULT
R/W
Fast output overcurrent current fault received.
0
VOUT_OV_FAST_FAULT
R/W
Fast output overvoltage fault received.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com