Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 29 of 140
After synchronization, if the master clock suddenly changes to
0 Hz, the ADP1055 continues to operate at the last known master
frequency. However, if the device is power cycled through a soft
start, the master frequency is not retained, and the ADP1055
defaults to the internal frequency set by FREQUENCY_SWITCH
(Register 0x33). If the device is off and the master frequency is
already present on the SYNC pin, the switching frequency is
already set to the master frequency when the ADP1055 turns on.
It is recommended that the synchronization function be
disabled when not in use (Register 0xFE55[6] = 1) because
switching noise may be coupled into the SYNC pin.
The switching frequency can be read back using the PMBus
command READ_FREQUENCY (Register 0x95).
Figure 37. Tracking of SYNC Function
TEMPERATURE SENSING
The ADP1055 has two external temperature sensors. For the
external temperature sensors, PN junction devices such as
transistors are connected back to back; these devices are called
forward diode and reverse diode (see Figure 38).
Figure 38. Temperature Sensor, Forward and Reverse Sensing
The temperature can be read using the following standard PMBus
commands: READ_TEMPERATURE_2 (Register 0x8E) for the
external sensing forward diode, and READ_TEMPERATURE_3
(Register 0x8F) for the external sensing reverse diode.
The ADP1055 measures the temperature readings of the external
forward diode and the external reverse diode in that order. Using
proprietary zero offset circuitry (patent pending), the inputs to
the ADCs are zeroed out before each temperature measurement
to compensate for temperature dependent offset variation, which
affects the measurement result. This allows the forward and
reverse sensing PN diodes to be kept far away from each other
without affecting the reading significantly due to offset errors.
The ADP1055 is factory calibrated at ambient temperature for
minimum error using the BC847A transistor (with nf = 1.00)
placed in the position of forward diode. The nonideality factor
(nf) of the transistor in ΔVBE = nf × VT × ln(I/IS).
Care must be taken to isolate the thermal sensor so that
switching noise is not coupled into the base by the parasitic
capacitances from base to ground and emitter to ground. It is
recommended that a low-pass filter be added by placing a large
capacitor of 220 pF to 470 pF across the base emitter junction to
remove any noise. Adding a reverse diode introduces an
additional error due to the reverse leakage current. The
reference current (IREF), used for the sensing algorithm to 10 μA,
can be programmed by setting Register 0xFE5A[2:0] = 0x04.
The update rate for each subsequent temperature reading
(external forward reading, followed by external reverse reading)
is approximately 200 ms if reverse sensing is enabled, and
approximately 130 ms if reverse sensing is disabled, with 14-bit
resolution (Register 0xFE5A[6:5] = 0x3).
Overtemperature protection (OTP) can be set using
OT_FAULT_LIMIT (Register 0x4F), OT_FAULT_RESPONSE
(Register 0x50), and OT_WARN_LIMIT (Register 0x51). OTP
functions for the forward diode only. The hysteresis for OTP is
the difference between the OT_FAULT_LIMIT and OT_WARN_
LIMIT values. For example, if OT_FAULT_LIMIT is set to disable
all PWM outputs at 125°C and OT_WARN_LIMIT is set to 115°C,
the ADP1055 stops switching at 125°C and begins switching
again only when the temperature falls below 115°C.
GPIO AND PGOOD SIGNALS
Four dedicated pins serve as general-purpose inputs/outputs
(GPIOs). Each pin can be configured as an input or output with
a programmable polarity (set in Register 0xFE40). Do not
change the configuration of the pin from input to output or
from output to input on the fly.
Figure 39. GPIO1 Configured as an Output with Normal Polarity
Figure 40. GPIO1 Configured as an Input with Negated Polarity
When the pin is configured as an input, a programmable action
can be taken (similar to the PMBus voltage faults) using Register
0xFE39 to Register 0xFE3C (GPIOx_FAULT_RESPONSE).
When the GPIOx pin is configured as an output, internal signals
known as PGOOD1 and PGOOD2 can be logically combined
and output on the pin. The logic functions for the GPIO pins
are programmable in Register 0xFE41 and Register 0xFE42.
MASTER CLOCK FREQUENCY (
fSYNC)
SYNCHRONIZATION TIME
DEPENDS ON DPLL BANDWIDTH
SYNCHRONIZATION
TIME DEPENDS ON
DPLL BANDWIDTH
FREQUENCY
NOMINAL
fSW
TIME
INTERNAL SWITCHING FREQUENCY (
fSW)
UNIT
ON
UNIT
ON
UNIT
OFF
110%
fSW
90%
fSW
JTD
FORWARD
DIODE
REVERSE
DIODE
JRTN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com