Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 80 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 80Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 81Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 82Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 83Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 80 of 140
READ_DUTY_CYCLE
The READ_DUTY_CYCLE command returns the duty cycle (%) in linear data format (X = Y × 2N).
Table 86. Register 0x94—READ_DUTY_CYCLE
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
READ_FREQUENCY
The READ_FREQUENCY command returns the actual switching frequency value (kHz) in linear data format (X = Y × 2N).
Table 87. Register 0x95—READ_FREQUENCY
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
READ_POUT
The READ_POUT command returns the output power (W) in linear data format (X = Y × 2N).
Table 88. Register 0x96—READ_POUT
Bits
Bit Name
R/W
Description
[15:11]
Exponent-N
R
Twos complement N-exponent used in linear data format (X = Y × 2N).
[10:0]
Mantissa-Y
R
Twos complement Y-mantissa used in linear data format (X = Y × 2N).
PMBUS_REVISION
The PMBUS_REVISION command returns the PMBus version information. The ADP1055 is compliant with PMBus Revision 1.2.
Reading this command results in a value of 0x22.
Table 89. Register 0x98—PMBUS_REVISION
Bits
Bit Name
R/W
Description
[7:4]
Part 1 revision
R
Compliant to PMBus Part 1 specification: 0010 = Revision 1.2.
[3:0]
Part 2 revision
R
Compliant to PMBus Part 2 specification: 0010 = Revision 1.2.
MFR_ID
The MFR_ID register stores the manufacturer ID. This register can store 23 bytes.
Table 90. Register 0x99—MFR_ID
Bits
Bit Name
R/W
Description
[7:0]
MFR_ID
Block read/write
Return the manufacturer’s ID.
MFR_MODEL
The MFR_MODEL register stores the manufacturer model number. This register can store 19 bytes.
Table 91. Register 0x9A—MFR_MODEL
Bits
Bit Name
R/W
Description
[7:0]
Model
Block read/write
Return the manufacturer’s model number.
MFR_REVISION
The MFR_REVISION register stores the manufacturer revision number. This register can store 23 bytes.
Table 92. Register 0x9B—MFR_REVISION
Bits
Bit Name
R/W
Description
[7:0]
Revision
Block read/write
Return the manufacturer’s revision number.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com