Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 72Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 73Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 74Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 75Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 76Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 77Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 78Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 79Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 76 of 140
POUT_OP_FAULT_RESPONSE
The POUT_OP_FAULT_RESPONSE command instructs the device on the actions to take due to an output overpower fault condition.
The device notifies the host and sets the IOUT_OC_FAULT bit in the STATUS_BYTE register, the IOUT/POUT bit in the STATUS_WORD
register, and the POUT_OP_FAULT bit in the STATUS_IOUT register.
Table 70. Register 0x69—POUT_OP_FAULT_RESPONSE
Bits
Bit Name
R/W
Description
[7:6]
Response
R/W
Determines the device response to an overpower fault condition.
Bit 7
Bit 6
Response
0
0
Do nothing.
0
1
Continue operation for the delay time (Bits[2:0]). If the fault persists, retry the
number of times specified by Bits[5:3].
1
0
Shut down, disable the output, and respond as programmed in the retry
setting (Bits[5:3]).
1
1
Disable the output while the fault is present. Operation resumes and the
output is enabled when the fault condition no longer exists.
[5:3]
Retry setting
R/W
Number of retry attempts following a fault condition. A fault condition can be cleared by a reset,
a power-off/power-on sequence, or a loss of bias power.
Bit 5
Bit 4
Bit 3
Number of Retries
0
0
0
0
0
0
1
1
0
1
0
2
0
1
1
3
1
0
0
4
1
0
1
5
1
1
0
6
1
1
1
Infinite
[2:0]
Delay times
R/W
Number of delay time units (see Register 0xFE3E).
STATUS_BYTE
The STATUS_BYTE register returns the lower byte of the STATUS_WORD register. A value of 1 in this command indicates that a fault
has occurred. As per the PMBus standard, the BUSY bit is writable to allow the user to clear that latched bit using a write command with
a 1 to Bit 7, similar to other STATUS_xxx commands. The other bits in this register cannot be cleared with a write to the STATUS_BYTE
command, but should be cleared with a write to the STATUS_VOUT, STATUS_IOUT, STATUS_INPUT, STATUS_TEMP, or
STATUS_CML command.
Table 71. Register 0x78—STATUS_BYTE
Bits
Bit Name
R/W
Description
7
BUSY
R/W
This bit is asserted if the device is busy and unable to respond.
6
POWER_OFF
R
This bit is asserted if the unit is not providing power to the output.
5
VOUT_OV_FAULT
R
An output overvoltage fault has occurred.
4
IOUT_OC_FAULT
R
An output overcurrent fault has occurred.
3
VIN_UV_FAULT
R
An input undervoltage fault has occurred.
2
TEMPERATURE
R
A temperature fault or warning has occurred.
1
CML
R
A communications, memory, or logic fault has occurred.
0
NONE_OF_THE_ABOVE
R
A fault or warning not listed in Bits[7:1] has occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com