Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 20 of 140
incorporates this phase delay into its calculations. Note that the
GUI does not account for other delays such as gate driver and
propagation delays.
DIGITAL FILTER PROGRAMMING REGISTERS
Three sets of registers allow three different filters to be
programmed.
Normal mode filter (used for CCM or heavy load and
configured in Register 0xFE01 to Register 0xFE04)
Light load mode filter (configured in Register 0xFE05 to
Register 0xFE08)
Soft start filter (configured in Register 0xFE09 to
Register 0xFE0C)
The software GUI allows the user to program the light load
mode filter in the same manner as the normal mode filter. It is
recommended that the GUI be used for this purpose.
DIGITAL COMPENSATION FILTERS DURING SOFT
START
The ADP1055 has a dedicated soft start filter (SSF) that can be
used to fine-tune and optimize the dynamic response during
the output voltage ramp-up.
During soft start, the ADP1055 determines the load condition
and after the voltage reaches 12.5% of the nominal output
voltage value, it determines the current load condition and
switches filters accordingly to the light load mode threshold
(Register 0xFE5F[3:1]). If the load current is below the light
load mode threshold, the ADP1055 switches to the light load
mode filter (LLF). If the load current is above the light load
mode threshold, the normal mode filter is used until the end of
the soft start ramp, even if the device subsequently enters light
load mode based on a change to the load current.
Other configurations can be programmed to use different filters
during soft start, as follows:
Force soft start filter (Register 0xFE51[2]). This option forces
the ADP1055 to use the soft start filter. In some cases, this
option allows better fine-tuning of the ramp-up voltage.
Disable light load mode during soft start (Register 0xFE51[1]).
This option prevents the use of the light load mode filter
during soft start, even if the light load condition is met.
The light load mode filter is available for use after the end
of the soft start ramp.
Figure 23 shows the use of filters during soft start.
Figure 23. Digital Filters During Soft Start (Low Temperature Filter Not Shown)
As shown in Figure 23, in Zone 1, the ADP1055 starts with the
normal mode filter or the soft start filter. Zone 2 begins when the
voltage reaches 12.5% of the nominal output voltage value. At this
point, the ADP1055 checks whether the system is in light load
mode, and the choice of filter is based on the following criteria:
If the system is in light load mode, the ADP1055 switches
to the light load mode filter (unless the option to disable
the LLM filter was previously selected).
If the system is not in light load mode, the ADP1055
continues to use the filter used in Zone 1: the normal mode
filter or the soft start filter.
The ADP1055 changes to the LLM filter if the load changes
during Zone 2 (voltage rises from 12.5% to 100% of the soft
start ramp. The filter does not revert to LLM if the load drops
until after the end of soft start.
In Zone 3 the filter changes to the NMF or LLM filter, depending
on the load.
FILTER TRANSITION
To avoid output voltage glitches and to provide a seamless
transition from one filter to another, the ADP1055 supports
programmable filter transitions. This feature allows a gradual
transition from one filter to another. Filter transitions are
programmed using Register 0xFE4A[2:0]. When the ADP1055
switches filters, the switching action is changed in 32 steps. The
step size can be programmed over several cycles (1tSW to 32tSW)
to avoid glitches in the output. The filter used depends on the
state of the synchronous rectifiers and whether the system is in
continuous conduction mode (CCM) or discontinuous conduction
mode (DCM) (see Table 5).
Table 5. State of Synchronous Rectifiers and Filter Used
State of SRx Outputs
Load
Regular Mode
Diode Emulation Mode
Filter Used
Medium to heavy load
SRs in CCM
SRs in CCM
Normal mode filter (Register 0xFE01 to Register 0xFE04).
Below LLM threshold
SRs in LLM
Diode emulation SRs
LLM filter (Register 0xFE05 to Register 0xFE08.) When diode
emulation mode is in use, the LLM filter is activated after the LLM
threshold is crossed.
Deep LLM
SRs are off
SRs are off
LLM filter (Register 0xFE05 to Register 0xFE08).
PS ON
12.5% REF
NMF/SSF
ZONE 1
LLF
NMF/SSF
LLM/NMF
BASED ON
LOAD
LLM/NMF
BASED ON
LOAD
NMF/SSF
RAMP TIME
0x5F
VOUT
ZONE 3
ZONE 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com