Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 17 of 140
START-UP AND POWER-DOWN SEQUENCING
VDD AND VCORE PINS
The proper amount of decoupling capacitance must be placed
between the VDD and AGND pins, as close as possible to the
device to minimize the trace length. It is recommended that the
VCORE pin not be loaded in any way.
POWER-UP AND POWER-DOWN COMMANDS
The PMBus commands OPERATION (Register 0x01) and
ON_OFF_CONFIG (Register 0x02) control the power-up and
power-down behavior of the ADP1055.
Figure 20. OPERATION (Register 0x01) and ON_OFF_CONFIG
(Register 0x02)
POWER SEQUENCING
Power sequencing is controlled using Register 0x60 through
Register 0x66. The delays for the turn-on command (Register
0x60, TON_DELAY) and the turn-off command (Register 0x64,
TOFF_DELAY) can each be programmed from 0 ms to 1024 ms
in steps of 1 ms.
The soft start ramp-up time (Register 0x61, TON_RISE) and
the ramp-down time (Register 0x65, TOFF_FALL) can be
programmed from 0 ms to 100 ms in steps of 1 ms.
All values are rounded to the nearest available value. If a value is
programmed outside the allowed range, it is forced to the nearest
legal value.
POWER-UP AND SOFT START ROUTINE
When VDD is applied to the device, a certain time elapses
before the ADP1055 can regulate the power supply.
1.
When VDD is above UVLO and VCORE reaches above
VCORE POR through an internal regulator, the ADP1055
downloads the user settings from Page 1 of the EEPROM
into the internal registers.
2.
After the EEPROM download, the ADP1055 determines its
address, programmed by the ADD pin and the I2C slave
base address (Register 0xD0, SLV_ADDR_SELECT).
3.
The ADP1055 waits for an idle time, after which the device
is ready for normal operation. If the black box must erase a
page to precondition the EEPROM for storing, the idle
time is extended by ~35 ms (see the Black Box Timing
section).
4.
If the ADP1055 is programmed to power up at this time
(OPERATION is enabled), the soft start ramp begins.
Otherwise, the ADP1055 waits for the OPERATION
command.
The outputs start switching, depending on the configuration of
the OPERATION command (Register 0x01) and the ON_OFF_
CONFIG command (Register 0x02).
If the ADP1055 is programmed to be always on (Register
0x02[4] = 0), the device begins the soft start ramp. Figure 21
shows the entire soft start process.
Figure 21. Example of Soft Start and Soft Stop Settings in the GUI
The soft start proceeds as follows.
1.
Upon power-up, the ADP1055 waits for the programmed
TON_DELAY (Register 0x60) and ramps to the regulation
voltage according to the time programmed in TON_RISE
(Register 0x61).
2.
The soft start begins to ramp up the internal digital
reference. The total duration of the soft start ramp is
programmable using the TON_RISE command. The
TON_MAX command specifies the maximum on time
before which the output voltage must exceed the
VOUT_UV_FAULT_LIMIT (Register 0x44). If the
VOUT_UV_FAULT_LIMIT is set to 0, the TON_MAX
value is ignored.
If the soft start from precharge function is enabled
(Register 0xFE51[0] = 1), the soft start ramp starts from the
current value of the output voltage sensed on VS± and,
therefore, the soft start ramp time is reduced proportionally.
SOFT STOP ROUTINE
The soft stop process occurs in a manner similar to the soft start
process, using the TOFF_DELAY, TOFF_MAX, and TOFF_FALL
commands. These commands are the counterparts of the
TON_DELAY, TON_MAX, and TON_RISE commands used
for soft start. For more information about soft stop, see the Soft
Stop section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com