Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 88 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 84Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 85Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 86Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 87Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 88Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 89Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 90Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 91Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 88 of 140
Table 142. Register 0xFE15, Register 0xFE17—SR1_REDGE_SETTING, SR2_REDGE_SETTING (Requires Use of the GO Bit in
Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:4]
t9, t11
R/W
This register contains the 12-bit t9, t11 time. Each LSB corresponds to 5 ns resolution.
The minimum and maximum possible duty cycle is 0% and 100%, respectively.
3
Modulate enable
R/W
1 = PWM modulation acts on the t9, t11 edge.
0 = no PWM modulation of the t9, t11 edge.
2
t9, t11 sign
R/W
1 = negative sign. Increase of PWM modulation moves t9, t11 right.
0 = positive sign. Increase of PWM modulation moves t9, t11 left.
[1:0]
Reserved
R
Reserved.
Table 143. Register 0xFE16, Register 0xFE18—SR1_FEDGE_SETTING, SR2_FEDGE_SETTING (Requires Use of the GO Bit in
Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:4]
t10, t12
R/W
This register contains the 12-bit t10, t12 time. Each LSB corresponds to 5 ns resolution.
3
Modulate enable
R/W
1 = PWM modulation acts on the t10, t12 edge.
0 = no PWM modulation of the t10, t12 edge.
2
t10, t12 sign
R/W
1 = negative sign. Increase of PWM modulation moves t10, t12 right.
0 = positive sign. Increase of PWM modulation moves t10, t12 left.
[1:0]
Reserved
R
Reserved.
Table 144. Register 0xFE19, Register 0xFE1B—SR1_REDGE_LLM_SETTING, SR2_REDGE_LLM_SETTING (Requires Use of the
GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:4]
t9, t11
R/W
This register contains the 12-bit t9, t11 time. Each LSB corresponds to 5 ns resolution. This is the
SR setting in light load mode.
The minimum and maximum possible duty cycle is 0% and 100%, respectively.
3
Modulate enable
R/W
1 = PWM modulation acts on the t9, t11 edge.
0 = no PWM modulation of the t9, t11 edge.
2
t9, t11 sign
R/W
1 = negative sign. Increase of PWM modulation moves t9, t11 right.
0 = positive sign. Increase of PWM modulation moves t9, t11 left.
[1:0]
Reserved
R
Reserved.
Table 145. Register 0xFE1A, Register 0xFE1C—SR1_FEDGE_LLM_SETTING, SR2_FEDGE_LLM_SETTING (Requires Use of the
GO Bit in Register 0xFE00)
Bits
Bit Name
R/W
Description
[15:4]
t10, t12
R/W
This register contains the 12-bit t10, t12 time. Each LSB corresponds to 5 ns resolution. This is the
SR setting in light load mode.
The minimum and maximum possible duty cycle is 0% and 100%, respectively.
3
Modulate Enable
R/W
1 = PWM modulation acts on the t10, t12 edge.
0 = no PWM modulation of the t10, t12 edge.
2
t10, t12 sign
R/W
1 = negative sign. Increase of PWM modulation moves t10, t12 right.
0 = positive sign. Increase of PWM modulation moves t10, t12 left.
[1:0]
Reserved
R
Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com