Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 140 page
background image
Data Sheet
ADP1055
Rev. A | Page 13 of 140
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. VS ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
Figure 6. CS1 ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
Figure 7. VFF ADC Accuracy vs. Temperature (from 10% to 90% of FSR)
Figure 8. CS2 30 mV ADC Accuracy vs. Temperature
(from 10% to 90% of FSR)
Figure 9. CS2 60 mV ADC Accuracy vs. Temperature
(from 10% to 90% of FSR)
Figure 10. CS2 480 mV ADC Accuracy vs. Temperature
(from 10% to 90% of FSR)
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–50
0
50
100
150
TEMPERATURE (°C)
MIN SPEC
MIN
MEAN
MAX
MAX SPEC
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–50
0
50
100
150
TEMPERATURE (°C)
MIN SPEC
MIN
MEAN
MAX
MAX SPEC
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–50
0
50
100
150
TEMPERATURE (°C)
MIN SPEC
MIN
MEAN
MAX
MAX SPEC
–50
0
50
100
150
TEMPERATURE (°C)
MIN SPEC
MIN
MEAN
MAX
MAX SPEC
–4
–3
–2
–1
0
1
2
3
4
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
–50
0
50
100
150
TEMPERATURE (°C)
MIN SPEC
MIN
MEAN
MAX
MAX SPEC
–50
0
50
100
150
TEMPERATURE (°C)
MIN SPEC
MIN
MEAN
MAX
MAX SPEC
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com