Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 22 of 140
MODULATION LIMIT
The modulation limit register (Register 0xFE53) can be
programmed to apply a maximum duty cycle modulation limit
to any PWM signal, thus acting as a clamp for the maximum
modulation range of any PWM output. When modulation is
enabled, the maximum modulation limit is applied to all PWM
outputs collectively. As shown in Figure 26, this limit is the
maximum time variation for the modulated edges from the
default timing, following the configured modulation direction.
Figure 26. Modulation Limit Settings
There is no minimum duty cycle limit setting. Therefore, the
user must set the rising edges and falling edges based on the
case with the least modulation to enter pulse skipping mode
under very light load conditions.
Each LSB in Register 0xFE53[6:0] corresponds to a unit of a
base time step size. The base time step size (20 ns, 40 ns, 80 ns,
or 160 ns) depends on the switching frequency; therefore, the
modulation limit is based on the value in Register 0xFE53[6:0]
multiplied by the corresponding base time step size. The
modulated edges are prevented from extending beyond one
switching cycle, but the maximum duty cycle is 100% (the
minimum pulse width is 5 ns).
The GUI provided with the ADP1055 is recommended for
programming this feature (see Figure 27).
Figure 27. Setting Modulation Limits (Modulation Range Shown by Arrows)
SWITCHING FREQUENCY PROGRAMMING
The FREQUENCY_SWITCH command (Register 0x33) sets
the switching frequency of the ADP1055 in kilohertz. This
command has two data bytes formatted in the linear data format;
the programmable frequency ranges from 48 kHz to 1000 kHz.
The ADP1055 does not support every possible frequency due to
the infinite combinations of exponent and mantissa values that
can be programmed. If a programmed frequency does not exactly
match a supported value, it is rounded up to the nearest available
frequency. It is recommended that the READ_FREQUENCY
command (Register 0x95) be used to determine the exact value
of the switching frequency. Table 244 lists the supported
frequencies.
OUTx
tMODULATION_LIMIT
tRX
tFX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com