Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP1055ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP1055ACPZ-R7
Description  Digital Controller for Power Supply Applications with PMBus Interface
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1055ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP1055ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADP1055ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 140 page
background image
ADP1055
Data Sheet
Rev. A | Page 42 of 140
Function/PMBus
Command
Pin
Comments
Debounce
LSB
Fault response
Command
OT
N/A
The ADC on this pin is averaged every 200 ms with 14-bit
accuracy for this fault to provide two consecutive readings
(external forward and external reverse temperature
sensors). This information is compared with the
OT_FAULT_LIMIT to set the flag. If external reverse is
disabled, the averaging is performed every 130 ms.
0xFE32[3:0]
OT_FAULT_
RESPONSE
OT_WARN
N/A
Same as OT.
N/A
GPIOx_FAULT
GPIOx
Immediate.
0xFE32[15:0]
GPIOx_FAULT_
RESPONSE
TON_MAX
N/A
Immediate.
0xFE32[7:4]
1.6/29 for VS
TON_MAX_FAULT_
RESPONSE
TON_MAX_WARN
N/A
N/A
1.6/29 for VS
VDD/VCORE_OV
VDD
VCORE
Immediate.
0xFE4D[5]
0xFE4D[6]
VDD UV
VDD
Immediate.
0xFE4D[4]
Shutdown
STANDARD PMBUS FLAGS
Figure 67 shows the standard PMBus flags supported by the ADP1055.
Figure 67. Standard PMBus Flags Supported by the ADP1055
7 RESERVED
6 RESERVED
5 INPUT A FUSE/BREAKER FAULT
4 INPUT B FUSE/BREAKER FAULT
3 INPUT A OR-ING DEVICE FAULT
2 INPUT B OR-ING DEVICE FAULT
1 OUTPUT OR-ING DEVICE FAULT
0 RESERVED
STATUS_OTHER
7 VOUT
6 IOUT/POUT
5 INPUT
4 MFR_SPECIFIC
3 POWER_GOOD
2 FANS
1 OTHER
0 UNKNOWN
7 BUSY
6 OFF
5 VOUT_OV_FAULT
4 IOUT_OC_FAULT
3 VIN_UV_FAULT
2 TEMPERATURE
1 CML
0 NONE OF THE ABOVE
STATUS_WORD
(UPPER BYTE)
STATUS_BYTE
ALSO IS THE LOWER BYTE OF
STATUS_WORD
7 VOUT_OV_FAULT
6 VOUT_OV_WARNING
5 VOUT_UV_WARNING
4 VOUT_UV_FAULT
3 VOUT_MAX WARNING
2 TON_MAX_FAULT
1 TOFF_MAX_WARNING
0 VOUT TRACKING ERROR
7 IOUT_OC_FAULT
6 IOUT_OC_LV_FAULT
5 IOUT_OC_WARNING
4 IOUT_UC_FAULT
3 CURRENT SHARE FAULT
2 IN POWER LIMITING MODE
1 POUT_OP_FAULT
0 POUT_OP_WARNING
7 OT_FAULT
6 OT_WARNING
5 UT_WARNING
4 UT_FAULT
3 RESERVED
2 RESERVED
1 RESERVED
0 RESERVED
STATUS_TEMPERATURE
STATUS_IOUT
STATUS_VOUT
7 INVALID/UNSUPPORTED COMMAND
6 INVALID/UNSUPPORTED DATA
5 PACKET ERROR CHECK FAILED
4 MEMORY FAULT DETECTED
3 PROCESSOR FAULT DETECTED
2 RESERVED
1 OTHER COMMUNICATION FAULT
0 OTHER MEMORY OR LOGIC FAULT
STATUS_CML
7 VIN_OV_FAULT
6 VIN_OV_WARNING
5 VIN_UV_WARNING
4 VIN_UV_FAULT
3 UNIT OFF FOR LOW INPUT VOLTAGE
2 IIN_OC_FAULT
1 IIN_OC_WARNING
0 PIN_OP_WARNING
STATUS_INPUT
7GPIO4
6GPIO3
5GPIO2
4GPIO1
3 IIN_OC_FAST_FAULT
2 IOUT_UC_FAST_FAULT
1 IOUT_OC_FAST_FAULT
0 VOUT_OV_FAST
STATUS_MFR_SPECIFIC
15 EEPROM UNLOCKED
14 ADAPTIVE DEAD TIME
13 SOFT START FILTER
12 SOFT START RAMP
11 MODULATION LIMIT
10 VOLT-SEC BALANCE LIMIT
9
LIGHT_LOAD_MODE (LLM)
8 CONSTANT CURRENT
STATUS_MFR_UNKNOWN
7 PGOOD2_FAULT
6
PGOOD1_FAULT
5
SYNC_UNLOCK
4
SR OFF
ADDRESS_WARNING
3
2
VCORE_OV
1
VDD_OV
0VDD_UV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com